Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6480SF Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 34Page - Infineon Technologies AG BTS6480SF Datasheet HTML 35Page - Infineon Technologies AG BTS6480SF Datasheet HTML 36Page - Infineon Technologies AG BTS6480SF Datasheet HTML 37Page - Infineon Technologies AG BTS6480SF Datasheet HTML 38Page - Infineon Technologies AG BTS6480SF Datasheet HTML 39Page - Infineon Technologies AG BTS6480SF Datasheet HTML 40Page - Infineon Technologies AG BTS6480SF Datasheet HTML 41Page - Infineon Technologies AG BTS6480SF Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Data Sheet
38
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Protection Functions
Figure 14
Shut Down by Over Current due to Short Circuit Type 2
8.4
Over Temperature Protection
Each channel has its own temperature sensor. If the temperature at the channel exceeds the thermal shutdown
temperature
T
j(SC), the channel will switch off and latch to prevent destruction (also in case of VDD = 0V). In order
to reactivate the channel, the temperature at the output must drop by at least the thermal hysteresis
∆Tj and the
over temperature latch must be cleared by SPI command HWCR.CL = 1
b. If the input pin or the bit in the SPI
register OUT is still set, the channel will be turned on immediately (or according to the automatic PWM generator
setting) after the command HWCR.CL = 1
b.
Figure 15
Shut Down by Over Temperature
8.4.1
Dynamic Temperature Sensor Protection
Additionally, each channel has its own dynamic temperature sensor. The dynamic temperature sensor improves
short circuit robustness by limiting sudden increases in the junction temperature. The dynamic temperature sensor
turns off the channel if its sudden temperature increase exceeds the dynamic temperature sensor threshold
∆Tj(SW). The number of automatic reactivations is limited by nretry (8.9.7). If this number of retries is exceeded the
channel turns off and latches. The retry latch is cleared by SPI command HWCR.CL = 1
b. If the input pin or the
bit in the SPI register OUT is still set, the channel will be turned on immediately (or according to the automatic PWM
generator setting) after the command HWCR.CL = 1
b.
For the condition
n < n
retrythe counter of automatic
reactivations will be reset by every low to high transition on the input pin or the bit in SPI register OUT.
I
L
IIS
t
t
t
ERR
t
CurrentTrippingLowVDS .emf
CL = 1
IL(Itrip)
normal
operation
over current
normal
operation
over load
removed
IN /
OUTx
t > t
delay(trip)
I
L
I
IS
t
t
t
ERR
t
OverLoad.emf
CL
=
1
IN /
OUTx
CL
=
1
I
L(trip)
t
T
j
T
j(start1)
T
j(start1) + ∆Tj(SW)
T
j(SC)
Latch OFF due to
over temperature
Latch OFF due to
over temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com