Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6480SF Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 63Page - Infineon Technologies AG BTS6480SF Datasheet HTML 64Page - Infineon Technologies AG BTS6480SF Datasheet HTML 65Page - Infineon Technologies AG BTS6480SF Datasheet HTML 66Page - Infineon Technologies AG BTS6480SF Datasheet HTML 67Page - Infineon Technologies AG BTS6480SF Datasheet HTML 68Page - Infineon Technologies AG BTS6480SF Datasheet HTML 69Page - Infineon Technologies AG BTS6480SF Datasheet HTML 70Page - Infineon Technologies AG BTS6480SF Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
SPOC - BTS6480SF
Serial Peripheral Interface (SPI)
Data Sheet
67
Rev. 1.0, 2010-04-12
Register Bank 1
Note: A readout of an unused register will return the standard diagnosis.
Bit
1514
13121110
9
8
7
6
5
4
3
2
1
0
Name
W/R
RB
ADDR
DATA
IECR
W/R
1
00
010
00
00
0
COL INCG CSL PRO+
HWCR
R
1
0
0
1
0
0
CLKTRIM
CLK
0
LED3 LED2 STB
CL
W
1
0
0
1
0
0
CLKTRIM
CLK
0
LED3 LED2 RST
CL
DCR
R
1
0
0
110
00
00
AMUX
SBM
MUX
W
1
00
110
00
00
AMUX
CSOL
MUX
CHCR0
W/R
1
10
000
00
PSH0
SYDEL0
FREQ0
CHCR1
W/R
1
10
010
00
PSH1
SYDEL1
FREQ1
CHCR2
W/R
1
10
100
00
PSH2
SYDEL2
FREQ2
CHCR3
W/R
1
10
110
00
PSH3
SYDEL3
FREQ3
CHCR4
W/R
1
11
000
00
PSH4
SYDEL4
FREQ4
CHCR5
W/R
1
11
010
00
PSH5
SYDEL5
FREQ5
Field
Bits
Type
Description
PRO+
0
rw
Configuration of EDD0 and EDD1 to be Compliant to PROFET+
Concept
0
Normal mode
1
EDD0=DEN, EDD1=DSEL
CSL
1
rw
Level for Current Source for Open Load Detection
0
Low level
1
High level
INCG
2
rw
Input Drive Configuration
0
Direct drive mode
1
Assigned drive mode
COL
3
rw
Input Combinatorial Logic Configuration
0
Input signal OR-combined with according OUT register bit
1
Input signal AND-combined with according OUT register bit
CL
0
rw
Clear Latch
0
Thermal and over current latches are untouched
1
Command: Clear all thermal and over current latches
RST
1
w
Reset Command
0
Normal operation
1
Execute reset command
STB
1
r
Standby Mode
0
Device is awake
1
Device is in Standby mode
LEDn
n = 3 to 2
nrw
Set LED Mode for Channel n
0
Channel n is in bulb mode
1
Channel n is in LED mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com