Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6480SF Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 49Page - Infineon Technologies AG BTS6480SF Datasheet HTML 50Page - Infineon Technologies AG BTS6480SF Datasheet HTML 51Page - Infineon Technologies AG BTS6480SF Datasheet HTML 52Page - Infineon Technologies AG BTS6480SF Datasheet HTML 53Page - Infineon Technologies AG BTS6480SF Datasheet HTML 54Page - Infineon Technologies AG BTS6480SF Datasheet HTML 55Page - Infineon Technologies AG BTS6480SF Datasheet HTML 56Page - Infineon Technologies AG BTS6480SF Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
SPOC - BTS6480SF
Diagnosis
Data Sheet
53
Rev. 1.0, 2010-04-12
9.8
Electrical Characteristics
Electrical Characteristics Diagnosis
Unless otherwise specified:
V
BB = 8 V to 17 V, VDD = 3.0 V to 5.5 V, Tj = -40 °C to +150 °C
typical values:
V
BB = 13.5 V, VDD = 4.3 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.
Load Current Sense
9.8.1 Current sense ratio
k
ILIS
T
j = -40 °C
channel 0, 1:
0.600 A
1.3 A
2.6 A
4.0 A
7.5 A
2190
3990
4690
5130
5490
5840
6140
6350
6430
6480
50010
12510
9210
8510
7710
–
–
–
–
–
channel 2, 3 (bulb):
HWCR.LEDn = 0
0.300 A
0.600 A
1.3 A
2.6 A
4.0 A
990
1240
1400
1540
1540
1670
1750
1800
1830
1840
3710
2710
2210
2110
2110
–
–
–
–
–
channel 2, 3 (LED):
HWCR.LEDn = 1
0.050 A
0.150 A
0.300 A
0.600 A
1.0 A
165
300
350
385
400
400
440
450
460
500
1305
675
580
555
555
–
–
–
–
–
9.8.2 Current sense ratio
k
ILIS
T
j = 25 °C to 150 °C
channel 0, 1:
0.600 A
1.3 A
2.6 A
4.0 A
7.5 A
3120
4420
5030
5130
5490
5840
6140
6350
6430
6480
10960
10010
8660
8240
7710
–
–
–
–
–
channel 2, 3 (bulb):
HWCR.LEDn = 0
0.300 A
0.600 A
1.3 A
2.6 A
4.0 A
990
1240
1400
1540
1540
1670
1750
1800
1830
1840
2690
2300
2100
2110
2110
–
–
–
–
–
channel 2, 3 (LED):
HWCR.LEDn = 1
0.050 A
0.150 A
0.300 A
0.600 A
1.0 A
165
300
350
385
400
400
440
450
460
500
805
640
580
555
555
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com