| Electronic Components Datasheet Search |
|
BTS6480SF Datasheet(PDF) 45 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTS6480SF Datasheet(HTML) 45 Page - Infineon Technologies AG |
|
45 / 73 page ![]() SPOC - BTS6480SF Diagnosis Data Sheet 45 Rev. 1.0, 2010-04-12 9 Diagnosis For diagnosis purpose, the SPOC - BTS6480SF provides a current sense signal at pin IS and the diagnosis word via SPI. There is a current sense multiplexer implemented that is controlled via SPI. The sense signal can also be disabled by SPI command. A switch bypass monitor allows to detect a short circuit between the output pin and the battery voltage. In OFF-state a current source is able to be switched on for a selected channel with the DCR.CSOL bit. This allows open load / short circuit detection to V BB in OFF-state. The current value can be configured to a low or a high value by programming the bit IECR.CSL. Please refer to parameter I L(OL) (9.8.15). Note: Please note: All below stated parameters and functions are valid for the internal channels. The behavior of the current sense of the two external channel is restricted to the behavior of the external drivers. Please refer to Figure 18 for details on diagnosis function: Figure 18 Block diagram: Diagnosis channel 0 load current sense Diagnosis_STD.emf R IS I IS0 current sense multiplexer IS T gate control latch temperature sensor ERR0 OR latch DCR.MUX V BB V DS(SB) SBM DCR. OUT3 OUT2 OUT1 OUT0 VBB CSOL over current protection I L(OL) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |