Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645B Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
38
PM[1]
PCR[193]
AF0
AF1
AF2
AF3
GPIO[193]
—
MDO10
—
SIUL
—
Nexus
—
I/O
—
O
—
M/S
Tristate
—
—
E9
PM[2]
PCR[194]
AF0
AF1
AF2
AF3
GPIO[194]
—
MDO11
—
SIUL
—
Nexus
—
I/O
—
O
—
M/S
Tristate
—
—
F12
PM[3]
PCR[195]
AF0
AF1
AF2
AF3
GPIO[195]
—
—
—
SIUL
—
—
—
I/O
—
—
—
M/S
Tristate
—
—
K12
PM[4]
PCR[196]
AF0
AF1
AF2
AF3
GPIO[196]
—
—
—
SIUL
—
—
—
I/O
—
—
—
M/S
Tristate
—
—
L12
PM[5]
PCR[197]
AF0
AF1
AF2
AF3
GPIO[197]
—
—
—
SIUL
—
—
—
I/O
—
—
—
M/S
Tristate
—
—
F9
PM[6]
PCR[198]
AF0
AF1
AF2
AF3
GPIO[198]
—
—
—
SIUL
—
—
—
I/O
—
—
—
M/S
Tristate
—
—
F6
1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module. PCR.PA =
000
 AF0; PCR.PA = 001  AF1; PCR.PA = 010  AF2; PCR.PA = 011  AF3; PCR.PA = 100  ALT4. This is
intended to select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’,
regardless of the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only
function is reported as “—”.
2 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by
setting the values of the PSMIO.PADSELx bitfields inside the SIUL module.
3 NMI[0] and NMI[1] have a higher priority than alternate functions. When NMI is selected, the PCR.PA field is
ignored.
4 SXOSC’s OSC32k_XTAL and OSC32k_EXTAL pins are shared with GPIO functionality. When used as crystal pins,
other functionality of the pin cannot be used and it should be ensured that application never programs OBE and
PUE bit of the corresponding PCR to "1".
5 If you want to use OSC32K functionality through PB[8] and PB[9], you must ensure that PB[10] is static in nature
as PB[10] can induce coupling on PB[9] and disturb oscillator frequency.
6 Out of reset all the functional pins except PC[0:1] and PH[9:10] are available to the user as GPIO.
PC[0:1] are available as JTAG pins (TDI and TDO respectively).
PH[9:10] are available as JTAG pins (TCK and TMS respectively).
It is up to the user to configure these pins as GPIO when needed.
Table 4. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com