Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645B Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
77
From this formula, in the worst case (when VA is maximum, that is for instance 5 V), assuming to accept a maximum error of
half a count, a constraint is evident on CF value:
ADC_0 (10-bit)
Eqn. 12
ADC_1 (12-bit)
Eqn. 13
4.17.1.2
ADC electrical characteristics
NOTE
All ADC conversion characteristics described in the table below are applicable only for the
precision channels. The data for semi-precision and extended channels is awaited and same
will be subsequently updated in later revs.
Table 41. ADC input leakage current
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ILKG CC C Input leakage current TA = 40 °C No current injection on adjacent pin
—
1
—
nA
CTA = 25 °C
—
1
—
CTA = 105 °C
—
8
200
PTA = 125 °C
—
45
400
Table 42. ADC conversion characteristics (10-bit ADC_0)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
VSS_ADC0 SR — Voltage on
VSS_HV_ADC0
(ADC_0 reference)
pin with respect to
ground (VSS_HV)
2
—
0.1
—
0.1
V
VDD_ADC0 SR — Voltage on
VDD_HV_ADC0 pin
(ADC_0 reference)
with respect to
ground (VSS_HV)
—VDD_HV_A  0.1
—
VDD_HV_A +0.1 V
VAINx
SR — Analog input voltage3
—VSS_ADC0  0.1
—
VDD_ADC0 +0.1 V
fADC0
SR — ADC_0 analog
frequency
—
6—
32 + 2%
MHz
tADC0_PU SR — ADC_0 power up
delay
—
——
1.5
µs
CF 2048 CS
CF 8192 CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com