Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645B Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
88
4.19.2
DSPI characteristics
Table 49. DSPI timing
Spec
Characteristic
Symbol
Unit
Min
Max
1
DSPI Cycle Time
tSCK
Refer
note1
—ns
—
Internal delay between pad associated to SCK and pad
associated to CSn in master mode for CSn1->0
t
CSC
—
115
ns
—
Internal delay between pad associated to SCK and pad
associated to CSn in master mode for CSn1->1
t
ASC
15
—
ns
2
CS to SCK Delay2
tCSC
7—
ns
3
After SCK Delay3
tASC
15
—
ns
4
SCK Duty Cycle
tSDC
0.4
 t
SCK
0.6
 t
SCK
ns
—Slave Setup Time
(SS active to SCK setup time)
tSUSS
5—
ns
—
Slave Hold Time
(SS active to SCK hold time)
tHSS
10
—
ns
5
Slave Access Time
(SS active to SOUT valid)4
tA
—
42
ns
6
Slave SOUT Disable Time
(SS inactive to SOUT High-Z or invalid)
tDIS
—
25
ns
7
CSx to PCSS time
tPCSC
0—
ns
8PCSS to PCSx time
tPASC
0—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com