Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645B Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
62
ECC circuitry provides correction of single bit faults and is used to improve further automotive reliability results. Some units
will experience single bit corrections throughout the life of the product with no impact to product reliability.
4.10.2
Flash memory power supply DC characteristics
Table 29 shows the flash memory power supply DC characteristics on external supply.
Table 28. Flash memory read access timing
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
Max
Unit
Code flash
memory
Data flash
memory
fREAD
CC
P Maximum frequency for Flash reading 5 wait states
13 wait states
120
 2%
MHz
C
3 wait state
9 wait state
80
 2%
D
3 wait states2
2 Wait states are subject to change per device characterization.
—64
 2%
C
—
7 wait states
Table 29. Flash memory power supply DC electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
ICFREAD
3
3 Data based on characterization results, not tested in production.
CC Sum of the current consumption
on VDD_HV_A on read access
Flash memory module read
fCPU = 120 MHz  2%
4
4 f
CPU 120 MHz  2% can be achieved over full temperature 125 °C ambient, 150 °C junction temperature.
Code flash
memory
33
mA
IDFREAD
(3)
Data flash
memory
13
ICFMOD
(3) CC Sum of the current consumption
on VDD_HV_A (program/erase)
Program/Erase on-going
while reading flash memory
registers
fCPU = 120 MHz  2%
(4)
Code flash
memory
52
mA
IDFMOD
(3)
Data flash
memory
13
ICFLPW
(3)
CC Sum of the current consumption
on VDD_HV_A during flash
memory low power mode
Code flash
memory
1.1
mA
ICFPWD
(3) CC Sum of the current consumption
on VDD_HV_A during flash
memory power down mode
Code flash
memory
150
µA
IDFPWD
(3)
Data flash
memory
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com