Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645B Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
58
Figure 9. Low voltage monitor vs. Reset
4.9
Low voltage domain power consumption
Table 24 provides DC electrical characteristics for significant application modes. These values are indicative values; actual
consumption depends on the application.
Table 23. Low voltage monitor electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VPORUP
SR P Supply for functional POR module
—
1.0
—
5.5
V
VPORH
CC P Power-on reset threshold
—
1.5
—
2.6
VLVDHV3H CC T LVDHV3 low voltage detector high threshold
—
2.7
—
2.85
VLVDHV3L
CC T LVDHV3 low voltage detector low threshold
—
2.6
—
2.74
VLVDHV5H CC T LVDHV5 low voltage detector high threshold
—
4.3
—
4.5
VLVDHV5L
CC T LVDHV5 low voltage detector low threshold
—
4.2
—
4.4
VLVDLVCORL CC P LVDLVCOR low voltage detector low threshold
TA = 25 °C,
after trimming
1.143
3 The min. and max variation across process voltage and temperature will be available after device characterization.
Expected to be within 10 mV.
VLVDLVBKPL CC P LVDLVBKP low voltage detector low threshold
1.143
VDDHV/LV
VLVDHVxH/LVxH
RESET
VLVDHVxL/LVxL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com