Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645B Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
59
Table 24. Low voltage power domain electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified All temperatures are based on
an ambient temperature.
Value
Unit
Min
Typ2
2 Target typical current consumption for the following typical operating conditions and configuration. Process =
typical, Voltage = 1.2 V.
Max3
3 Target maximum current consumption for mode observed under typical operating conditions. Process = Fast,
Voltage = 1.32 V.
IDDMAX
4
4 Running consumption is given on voltage regulator supply (V
DDREG). It does not include consumption linked to I/Os
toggling. This value is highly dependent on the application. The given value is thought to be a worst case value with
all cores and peripherals running, and code fetched from code flash while modify operation on-going on data flash.
It is to be noticed that this value can be significantly reduced by application: switch-off not used peripherals (default),
reduce peripheral frequency through internal prescaler, fetch from RAM most used functions, use low power mode
when possible.
CC D RUN mode maximum
average current
—
—
210
3005,6
5 Higher current may sunk by device during power-up and standby exit. Please refer to in rush current in Table 22.
6 Maximum “allowed” current is package dependent.
mA
IDDRUN
CC T RUN mode typical average
current7
7 Only for the “P” classification: Code fetched from RAM: Serial IPs CAN and LIN in loop back mode, DSPI as Master,
PLL as system Clock (4 x Multiplier) peripherals on (eMIOS/CTU/ADC) and running at max frequency, periodic
SW/WDG timer reset enabled. RUN current measured with typical application with accesses on both code flash
and RAM.
at 120 MHz
TA = 25 °C
—
1758,9
8 Subject to change, Configuration: 1 e200z4d + 4 kbit/s Cache, 1 eDMA (32 ch), 4 FlexCAN (2 500 kbit/s,
2 125 kbit/s), 10 LINFlexD (20 kbit/s), 8 DSPI (4 2 Mbit/s, 3 4Mbit/s, 1 10 Mbit/s), 40 PWM (200 Hz),
40 ADC Input, 1 CTU (40 ch.), 1 FlexRay (2 ch., 10 Mbit/s), 1 RTC, 4 PIT, 1 SWT, 1 STM. Ethernet
and e200z0h disabled. Also reduced timed I/O channels for smaller packages. RUN current measured with typical
application with accesses on both code flash and RAM.
2409,10
mA
Tat 80 MHz
TA = 25 °C
1108
15010
mA
IDDHALT
CC P HALT mode current11
—
—
25
35
mA
IDDSTOP
CC P STOP mode current12
No clocks active
TA = 25 °C
—
4009
12009,13 µA
PTA = 150 °C
—
109
309
mA
IDDSTDBY3
(96 KB RAM
retained)
CC P STANDBY3 mode
current14
No clocks active
TA = 25 °C
—
60
175
µA
PTA = 150 °C
—
1000
3000
µA
IDDSTDBY2
(64 KB RAM
retained)
CC P STANDBY2 mode
current15
No clocks active
TA = 25 °C
—
45
135
µA
PTA = 150 °C
—
800
2000
µA
IDDSTDBY1
(8 KB RAM
retained)
CC T STANDBY1 mode
current16
No clocks active
TA = 25 °C
—
25
75
µA
PTA = 150 °C
—
500
1000
µA
Adders in LP
mode
CC T 32 kHz OSC
—
TA =25°C
—
—
5
µA
4–40 MHz OSC
—
TA =25°C
—
—
3
mA
16 MHz IRC
—
TA =25°C
—
—
500
µA
128 kHz IRC
—
TA =25°C
—
—
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com