Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645B Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
43
2 100 nF EMI capacitance and 10 µF bulk capacitance need to be provided between each of the four V
DD_LV/VSS_LV
supply pairs. For details refer to the Power Management chapter of the MPC5646C Reference Manual.
3 This voltage is internally generated by the device and no external voltage should be supplied.
4 100 nF capacitance needs to be provided between V
DD_ADC/VSS_ADC pair.
5 Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL, device
is reset.
6 Both the relative and the fixed conditions must be met. For instance: If V
DD_HV_A is 5.9 V, VDD_HV_ADC0 maximum value
is 6.0 V then, despite the relative condition, the max value is VDD_HV_A +0.3 =6.2 V.
7 PA3, PA7, PA10, PA11 and PE12 ADC_1 channels are coming from V
DD_HV_B domain hence VDD_HV_ADC1 should be
within ±100 mV of VDD_HV_B when these channels are used for ADC_1.
8 Guaranteed by the device validation.
Table 10. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS_HV
SR Digital ground on VSS_HV pins
—
0
0
V
VDD_HV_A
1
SR Voltage on VDD_HV_A pins with
respect to ground (VSS_HV)
—4.5
5.5
V
Voltage drop2
3.0
5.5
VDD_HV_B
SR Generic GPIO functionality
—
3.0
5.5
V
Ethernet/3.3 V functionality
(See the notes in all figures in
Section 3, “Package pinouts and
signal descriptions” for the list of
channels operating in VDD_HV_B
domain)
—3.0
3.6
V
VSS_LV
3
SR Voltage on VSS_LV (Low voltage
digital supply) pins with respect to
ground (VSS_HV)
—VSS_HV –0.1
VSS_HV +0.1
V
VRC_CTRL
4
Base control voltage for external
BCP68 NPN device
Relative to
VDD_LV
0VDD_LV +1
V
VSS_ADC
SR Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC reference)
pin with respect to ground
(VSS_HV)
—VSS_HV –0.1
VSS_HV +0.1
V
VDD_HV_ADC0
5 SR Voltage on VDD_HV_ADC0 with
respect to ground (VSS_HV)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to
VDD_HV_A
6
VDD_HV_A –0.1
VDD_HV_A +0.1
VDD_HV_ADC1
7 SR Voltage on VDD_HV_ADC1 with
respect to ground (VSS_HV)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to
VDD_HV_A
6
VDD_HV_A  0.1
VDD_HV_A +0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com