Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5645B Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
67
4.13
Slow external crystal oscillator (32 kHz) electrical characteristics
The device provides a low power oscillator/resonator driver.
VFXOSC
CC T Oscillation
amplitude at EXTAL
fOSC = 40 MHz
For both VDD = 3.3 V ±
10%, VDD = 5.0 V ±
10%
—0.95
—
V
VFXOSCOP CC P Oscillation
operating point
——
1.8
V
IFXOSC
,3
CC T Fast external crystal
oscillator
consumption
VDD = 3.3 V ± 10%,
fOSC = 40 MHz
—2
2.2
mA
VDD = 5.0 V ± 10%,
fOSC = 40 MHz
—2.3
2.5
VDD = 3.3 V ± 10%,
fOSC = 16 MHz
—1.3
1.5
VDD = 5.0 V ± 10%,
fOSC = 16 MHz
—1.6
1.8
TFXOSCSU
CC T Fast external crystal
oscillator start-up
time
fOSC = 40 MHz
For both VDD = 3.3 V ±
10%, VDD = 5.0 V ±
10%
——
5
ms
VIH
SR P Input high level
CMOS
(Schmitt Trigger)
Oscillator bypass
mode
0.65VDD_HV_A
—VDD_HV_A +0.4
V
VIL
SR P Input low level
CMOS
(Schmitt Trigger)
Oscillator bypass
mode
0.3
—
0.35VDD_HV_A
V
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2 All values need to be confirmed during device validation.
3 Stated values take into account only analog module consumption but not the digital contributor (clock tree and
enabled peripherals).
Table 35. Fast external crystal oscillator (4 to 40 MHz) electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com