Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430F2001IPW Datasheet HTML 30Page - Texas Instruments MSP430F2001IPW Datasheet HTML 31Page - Texas Instruments MSP430F2001IPW Datasheet HTML 32Page - Texas Instruments MSP430F2001IPW Datasheet HTML 33Page - Texas Instruments MSP430F2001IPW Datasheet HTML 34Page - Texas Instruments MSP430F2001IPW Datasheet HTML 35Page - Texas Instruments MSP430F2001IPW Datasheet HTML 36Page - Texas Instruments MSP430F2001IPW Datasheet HTML 37Page - Texas Instruments MSP430F2001IPW Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
www.ti.com
Crystal Oscillator, XT1, Low-Frequency Mode
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
LFXT1 oscillator crystal
fLFXT1,LF
XTS = 0, LFXT1Sx = 0 or 1
1.8 V to 3.6 V
32768
Hz
frequency, LF mode 0, 1
LFXT1 oscillator logic level
fLFXT1,LF,logic
square wave input frequency, XTS = 0, LFXT1Sx = 3
1.8 V to 3.6 V
10000
32768
50000
Hz
LF mode
XTS = 0, LFXT1Sx = 0,
500
fLFXT1,LF = 32768 Hz, CL,eff = 6 pF
Oscillation allowance for
OALF
k
Ω
LF crystals
XTS = 0, LFXT1Sx = 0,
200
fLFXT1,LF = 32768 Hz, CL,eff = 12 pF
XTS = 0, XCAPx = 0
1
XTS = 0, XCAPx = 1
5.5
Integrated effective load
CL,eff
pF
capacitance, LF mode(2)
XTS = 0, XCAPx = 2
8.5
XTS = 0, XCAPx = 3
11
XTS = 0, Measured at P1.0/ACLK,
Duty cycle, LF mode
2.2 V/3 V
30
50
70
%
fLFXT1,LF = 32768 Hz
Oscillator fault frequency,
fFault,LF
XTS = 0, LFXT1Sx = 3(4)
2.2 V/3 V
10
10000
Hz
LF mode(3)
(1)
To improve EMI on the XT1 oscillator, the following guidelines should be observed.
(a) Keep the trace between the device and the crystal as short as possible.
(b) Design a good ground plane around the oscillator pins.
(c) Prevent crosstalk from other clock or data lines into oscillator pins XIN and XOUT.
(d) Avoid running PCB traces underneath or adjacent to the XIN and XOUT pins.
(e) Use assembly materials and praxis to avoid any parasitic load on the oscillator XIN and XOUT pins.
(f) If conformal coating is used, ensure that it does not induce capacitive/resistive leakage between the oscillator pins.
(g) Do not route the XOUT line to the JTAG header to support the serial programming adapter as shown in other documentation. This
signal is no longer required for the serial programming adapter.
(2)
Includes parasitic bond and package capacitance (approximately 2 pF per pin).
Since the PCB adds additional capacitance, it is recommended to verify the correct load by measuring the ACLK frequency. For a
correct setup, the effective load capacitance should always match the specification of the used crystal.
(3)
Frequencies below the MIN specification set the fault flag. Frequencies above the MAX specification do not set the fault flag.
Frequencies in between might set the flag.
(4)
Measured with logic-level input frequency but also applies to operation with crystals.
Internal Very-Low-Power Low-Frequency Oscillator (VLO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TA
VCC
MIN
TYP
MAX
UNIT
-40
°C to 85°C
4
12
20
fVLO
VLO frequency
2.2 V/3 V
kHz
105
°C
22
I: -40
°C to 85°C
dfVLO/dT
VLO frequency temperature drift(1)
2.2 V/3 V
0.5
%/
°C
T: -40
°C to 105°C
dfVLO/dVCC
VLO frequency supply voltage drift(2)
25
°C
1.8 V to 3.6 V
4
%/V
(1)
Calculated using the box method:
I: (MAX(-40 to 85
°C) - MIN(-40 to 85°C)) / MIN(-40 to 85°C) / (85°C - (-40°C))
T: (MAX(-40 to 105
°C) - MIN(-40 to 105°C)) / MIN(-40 to 105°C) / (105°C - (-40°C))
(2)
Calculated using the box method: (MAX(1.8 to 3.6 V) - MIN(1.8 to 3.6 V)) / MIN(1.8 to 3.6 V) / (3.6 V - 1.8 V)
Timer_A
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK, ACLK
2.2 V
10
fTA
Timer_A clock frequency
External: TACLK, INCLK
MHz
3 V
16
Duty cycle = 50%
± 10%
tTA,cap
Timer_A capture timing
TA0, TA1
2.2 V/3 V
20
ns
34
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com