Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F2001IPW Datasheet HTML 18Page - Texas Instruments MSP430F2001IPW Datasheet HTML 19Page - Texas Instruments MSP430F2001IPW Datasheet HTML 20Page - Texas Instruments MSP430F2001IPW Datasheet HTML 21Page - Texas Instruments MSP430F2001IPW Datasheet HTML 22Page - Texas Instruments MSP430F2001IPW Datasheet HTML 23Page - Texas Instruments MSP430F2001IPW Datasheet HTML 24Page - Texas Instruments MSP430F2001IPW Datasheet HTML 25Page - Texas Instruments MSP430F2001IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
0.0
1.0
2.0
3.0
4.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
VCC − Supply Voltage − V
fDCO = 1 MHz
fDCO = 8 MHz
fDCO = 12 MHz
fDCO = 16 MHz
0.0
1.0
2.0
3.0
4.0
0.0
4.0
8.0
12.0
16.0
fDCO − DCO Frequency − MHz
T = 85°C
A
T = 25°C
A
V
= 2.2 V
CC
V
= 3 V
CC
T = 25°C
A
T = 85°C
A
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
www.ti.com
Typical Characteristics - Active Mode Supply Current (Into VCC)
ACTIVE MODE CURRENT
vs
ACTIVE MODE CURRENT
VCC
vs
(TA = 25°C)
DCO FREQUENCY
Figure 2.
Figure 3.
22
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com