Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430F2001IPW Datasheet HTML 10Page - Texas Instruments MSP430F2001IPW Datasheet HTML 11Page - Texas Instruments MSP430F2001IPW Datasheet HTML 12Page - Texas Instruments MSP430F2001IPW Datasheet HTML 13Page - Texas Instruments MSP430F2001IPW Datasheet HTML 14Page - Texas Instruments MSP430F2001IPW Datasheet HTML 15Page - Texas Instruments MSP430F2001IPW Datasheet HTML 16Page - Texas Instruments MSP430F2001IPW Datasheet HTML 17Page - Texas Instruments MSP430F2001IPW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
www.ti.com
Special Function Registers
Most interrupt and module enable bits are collected into the lowest address space. Special function register bits
not allocated to a functional purpose are not physically present in the device. Simple software access is provided
with this arrangement.
Legend
rw:
Bit can be read and written.
rw-0,1:
Bit can be read and written. It is reset or set by PUC.
rw-(0,1):
Bit can be read and written. It is reset or set by POR.
SFR bit is not present in device.
Table 8. Interrupt Enable Register 1 and 2
Address
7
6
5
4
3
2
1
0
00h
ACCVIE
NMIIE
OFIE
WDTIE
rw-0
rw-0
rw-0
rw-0
WDTIE
Watchdog Timer interrupt enable. Inactive if watchdog mode is selected. Active if Watchdog Timer is configured in
interval timer mode.
OFIE
Oscillator fault interrupt enable
NMIIE
(Non)maskable interrupt enable
ACCVIE
Flash access violation interrupt enable
Address
7
6
5
4
3
2
1
0
01h
Table 9. Interrupt Flag Register 1 and 2
Address
7
6
5
4
3
2
1
0
02h
NMIIFG
RSTIFG
PORIFG
OFIFG
WDTIFG
rw-0
rw-(0)
rw-(1)
rw-1
rw-(0)
WDTIFG
Set on watchdog timer overflow (in watchdog mode) or security key violation.
Reset on VCC power-on or a reset condition at the RST/NMI pin in reset mode.
OFIFG
Flag set on oscillator fault.
PORIFG
Power-On Reset interrupt flag. Set on VCC power-up.
RSTIFG
External reset interrupt flag. Set on a reset condition at RST/NMI pin in reset mode. Reset on VCC power-up.
NMIIFG
Set via RST/NMI pin
Address
7
6
5
4
3
2
1
0
03h
14
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com