Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F2001IPW Datasheet HTML 23Page - Texas Instruments MSP430F2001IPW Datasheet HTML 24Page - Texas Instruments MSP430F2001IPW Datasheet HTML 25Page - Texas Instruments MSP430F2001IPW Datasheet HTML 26Page - Texas Instruments MSP430F2001IPW Datasheet HTML 27Page - Texas Instruments MSP430F2001IPW Datasheet HTML 28Page - Texas Instruments MSP430F2001IPW Datasheet HTML 29Page - Texas Instruments MSP430F2001IPW Datasheet HTML 30Page - Texas Instruments MSP430F2001IPW Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
0
1
t d(BOR)
VCC
V(B_IT−)
Vhys(B_IT−)
VCC(start)
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
POR/Brownout Reset (BOR)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
0.7
×
VCC(start)
See Figure 8
dVCC/dt ≤ 3 V/s
V
V(B_IT-)
V(B_IT-)
See Figure 8 through Figure 10
dVCC/dt ≤ 3 V/s
1.71
V
Vhys(B_IT-)
See Figure 8
dVCC/dt ≤ 3 V/s
70
130
210
mV
td(BOR)
See Figure 8
2000
µs
Pulse length needed at RST/NMI pin to
t(reset)
2.2 V/3 V
2
µs
accepted reset internally
(1)
The current consumption of the brownout module is already included in the ICC current consumption data. The voltage level V(B_IT-) +
Vhys(B_IT-)is ≤ 1.8 V.
Figure 8. POR/Brownout Reset (BOR) vs Supply Voltage
Copyright
© 2005–2011, Texas Instruments Incorporated
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com