Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F2001IPW Datasheet HTML 43Page - Texas Instruments MSP430F2001IPW Datasheet HTML 44Page - Texas Instruments MSP430F2001IPW Datasheet HTML 45Page - Texas Instruments MSP430F2001IPW Datasheet HTML 46Page - Texas Instruments MSP430F2001IPW Datasheet HTML 47Page - Texas Instruments MSP430F2001IPW Datasheet HTML 48Page - Texas Instruments MSP430F2001IPW Datasheet HTML 49Page - Texas Instruments MSP430F2001IPW Datasheet HTML 50Page - Texas Instruments MSP430F2001IPW Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
SD16_A, Temperature Sensor
(1) (MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TCSensor
Sensor temperature coefficient
1.18
1.32
1.46 mV/
°C
VOffset,Sensor
Sensor offset voltage
-100
100
mV
Temperature sensor voltage at
435
475
515
TA = 85°C
Temperature sensor voltage at
VSensor
Sensor output voltage(2)
3 V
355
395
435
mV
TA = 25°C
Temperature sensor voltage at
320
360
400
TA = 0°C
(1)
Values are not based on calculations using TCSensor or VOffset,sensor but on measurements.
(2)
The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ = TCSensor ( 273 + T [°C] ) + VOffset,sensor [mV] or
VSensor,typ = TCSensor T [°C] + VSensor(TA = 0°C) [mV]
Flash Memory
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TEST
PARAMETER
VCC
MIN
TYP
MAX
UNIT
CONDITIONS
VCC(PGM/ERASE)
Program and erase supply voltage
2.2
3.6
V
fFTG
Flash timing generator frequency
257
476
kHz
IPGM
Supply current from VCC during program
2.2 V/3.6 V
1
5
mA
IERASE
Supply current from VCC during erase
2.2 V/3.6 V
1
7
mA
tCPT
Cumulative program time(1)
2.2 V/3.6 V
10
ms
tCMErase
Cumulative mass erase time
2.2 V/3.6 V
20
ms
Program/erase endurance
104
105
cycles
tRetention
Data retention duration
TJ = 25°C
100
years
tWord
Word or byte program time
(2)
30
tFTG
tBlock, 0
Block program time for first byte or word
(2)
25
tFTG
Block program time for each additional byte or
tBlock, 1-63
(2)
18
tFTG
word
tBlock, End
Block program end-sequence wait time
(2)
6
tFTG
tMass Erase
Mass erase time
(2)
10593
tFTG
tSeg Erase
Segment erase time
(2)
4819
tFTG
(1)
The cumulative program time must not be exceeded when writing to a 64-byte flash block. This parameter applies to all programming
methods: individual word/byte write and block write modes.
(2)
These values are hardwired into the Flash Controller
's state machine (tFTG = 1/fFTG).
RAM
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
V(RAMh)
RAM retention supply voltage (1)
CPU halted
1.6
V
(1)
This parameter defines the minimum supply voltage VCC when the data in RAM remains unchanged. No program execution should
happen during this supply voltage condition.
Copyright
© 2005–2011, Texas Instruments Incorporated
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com