Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430F2001IPW Datasheet HTML 31Page - Texas Instruments MSP430F2001IPW Datasheet HTML 32Page - Texas Instruments MSP430F2001IPW Datasheet HTML 33Page - Texas Instruments MSP430F2001IPW Datasheet HTML 34Page - Texas Instruments MSP430F2001IPW Datasheet HTML 35Page - Texas Instruments MSP430F2001IPW Datasheet HTML 36Page - Texas Instruments MSP430F2001IPW Datasheet HTML 37Page - Texas Instruments MSP430F2001IPW Datasheet HTML 38Page - Texas Instruments MSP430F2001IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
VOL − Low-Level Output Voltage − V
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
VCC = 2.2 V
TA = 25°C
TA = 85°C
VOL − Low-Level Output V oltage − V
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
VCC = 3 V
TA = 25°C
TA = 85°C
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
USI, Universal Serial Interface (MSP430F20x2, MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
External: SCLK,
2.2 V
10
fUSI
USI clock frequency
Duty cycle = 50%
±10%,
MHz
3 V
16
SPI slave mode
USI module in I2C mode,
VOL,I2C Low-level output voltage on SDA and SCL
2.2 V/3 V
VSS
VSS + 0.4
V
I(OLmax) = 1.5 mA
Typical Characteristics, USI Low-Level Output Voltage on SDA and SCL
(MSP430F20x2, MSP430F20x3)
USI LOW-LEVEL OUTPUT VOLTAGE
USI LOW-LEVEL OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 14.
Figure 15.
Copyright
© 2005–2011, Texas Instruments Incorporated
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com