Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F2001IPW Datasheet HTML 1Page - Texas Instruments MSP430F2001IPW Datasheet HTML 2Page - Texas Instruments MSP430F2001IPW Datasheet HTML 3Page - Texas Instruments MSP430F2001IPW Datasheet HTML 4Page - Texas Instruments MSP430F2001IPW Datasheet HTML 5Page - Texas Instruments MSP430F2001IPW Datasheet HTML 6Page - Texas Instruments MSP430F2001IPW Datasheet HTML 7Page - Texas Instruments MSP430F2001IPW Datasheet HTML 8Page - Texas Instruments MSP430F2001IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
•
Low Supply Voltage Range 1.8 V to 3.6 V
•
Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
•
Ultra-Low Power Consumption
Code Protection by Security Fuse
– Active Mode: 220 µA at 1 MHz, 2.2 V
•
On-Chip Emulation Logic With Spy-Bi-Wire
– Standby Mode: 0.5 µA
Interface
– Off Mode (RAM Retention): 0.1 µA
•
Family Members:
•
Five Power-Saving Modes
– MSP430F2001
•
Ultra-Fast Wake-Up From Standby Mode in
– 1KB + 256B Flash Memory
Less Than 1
µs
– 128B RAM
•
16-Bit RISC Architecture, 62.5-ns Instruction
– MSP430F2011
Cycle Time
– 2KB + 256B Flash Memory
•
Basic Clock Module Configurations:
– 128B RAM
– Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to
±1%
– MSP430F2002
– Internal Very Low-Power Low-Frequency
– 1KB + 256B Flash Memory
Oscillator
– 128B RAM
– 32-kHz Crystal
– MSP430F2012
– External Digital Clock Source
– 2KB + 256B Flash Memory
•
16-Bit Timer_A With Two Capture/Compare
– 128B RAM
Registers
– MSP430F2003
•
On-Chip Comparator for Analog Signal
– 1KB + 256B Flash Memory
Compare Function or Slope A/D
– 128B RAM
(MSP430F20x1)
– MSP430F2013
•
10-Bit 200-ksps A/D Converter With Internal
– 2KB + 256B Flash Memory
Reference, Sample-and-Hold, and Autoscan
(MSP430F20x2)
– 128B RAM
•
16-Bit Sigma-Delta A/D Converter With
•
Available in 14-Pin Plastic Small-Outline Thin
Differential PGA Inputs and Internal Reference
Package (TSSOP), 14-Pin Plastic Dual Inline
(MSP430F20x3)
Package (PDIP), and 16-Pin QFN
•
Universal Serial Interface (USI) Supporting SPI
•
For Complete Module Descriptions, See the
and I2C (MSP430F20x2 and MSP430F20x3)
MSP430x2xx Family User's Guide (SLAU144)
•
Brownout Detector
DESCRIPTION
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1
µs.
The MSP430F20xx series is an ultra-low-power mixed signal microcontroller with a built-in 16-bit timer and ten
I/O pins. In addition, the MSP430F20x1 has a versatile analog comparator. The MSP430F20x2 and
MSP430F20x3 have built-in communication capability using synchronous protocols (SPI or I2C) and a 10-bit A/D
converter (MSP430F20x2) or a 16-bit sigma-delta A/D converter (MSP430F20x3).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F2001IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2001IPW TI-MSP430F2001IPW Datasheet
1Mb / 80P
MIXED SIGNAL MICROCONTROLLER
MSP430F2001IPW TI-MSP430F2001IPW Datasheet
2Mb / 88P
MIXED SIGNAL MICROCONTROLLER
MSP430F2001IPW TI-MSP430F2001IPW Datasheet
1Mb / 91P
MIXED SIGNAL MICROCONTROLLER
MSP430F2001IPW TI1-MSP430F2001IPW Datasheet
1Mb / 92P
MIXED SIGNAL MICROCONTROLLER
MSP430F2001IPW TI1-MSP430F2001IPW Datasheet
1Mb / 94P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2001IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com