Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSP430F2001IPW Datasheet HTML 20Page - Texas Instruments MSP430F2001IPW Datasheet HTML 21Page - Texas Instruments MSP430F2001IPW Datasheet HTML 22Page - Texas Instruments MSP430F2001IPW Datasheet HTML 23Page - Texas Instruments MSP430F2001IPW Datasheet HTML 24Page - Texas Instruments MSP430F2001IPW Datasheet HTML 25Page - Texas Instruments MSP430F2001IPW Datasheet HTML 26Page - Texas Instruments MSP430F2001IPW Datasheet HTML 27Page - Texas Instruments MSP430F2001IPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
www.ti.com
Schmitt-Trigger Inputs (Ports P1 and P2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
0.45 VCC
0.75 VCC
VIT+
Positive-going input threshold voltage
2.2 V
1.00
1.65
V
3 V
1.35
2.25
0.25 VCC
0.55 VCC
VIT-
Negative-going input threshold voltage
2.2 V
0.55
1.20
V
3 V
0.75
1.65
2.2 V
0.2
1.0
Vhys
Input voltage hysteresis (VIT+ - VIT-)
V
3 V
0.3
1.0
For pullup: VIN = VSS,
RPull
Pullup/pulldown resistor
20
35
50
k
Ω
For pulldown: VIN = VCC
CI
Input capacitance
VIN = VSS or VCC
5
pF
Inputs (Ports P1 and P2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Port P1, P2: P1.x to P2.x, External trigger pulse
t(int)
External interrupt timing
2.2 V/3 V
20
ns
width to set interrupt flag(1)
(1)
An external signal sets the interrupt flag every time the minimum interrupt pulse width t(int) is met. It may be set even with trigger signals
shorter than t(int).
Leakage Current (Ports P1 and P2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Ilkg(Px.y)
High-impedance leakage current
(1) (2)
2.2 V/3 V
±50
nA
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup/pulldown resistor is
disabled.
24
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com