| Electronic Components Datasheet Search |
|
822-1002-C01 Datasheet(PDF) 24 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 Datasheet(HTML) 24 Page - Magnetrol International, Inc. |
|
24 / 40 page ![]() ENT ENT ENT ENT ENT TDHI LLFS XXXX RUN SET LVLO LVHI XXXX XXXX TDLO XXXX KILL RLY3 RLY4 HLFS Same as RLY2 Same as RLY2 RLY2 ENT ENT ENT STEP 3: RLY1 (Relay 1) 1. With RLY1 displayed, press ENT to display FALT. In this setting, the RLY1 is used as a dedicated, diagnostic alarm. No other relay parameters (i.e., LVLO, TDHI) are offered. The relay will now de-energize when a diagnostic problem is encountered. 2. For other choices, use the DOWN arrow key to toggle to KILL. In this setting, the relay is removed from service. The process level may be varied (the display and the yellow LEDs will respond), but the relay will not change state and affect equipment (pump, valve, etc.) which is connected to it. The relay will remain in a de-energized state. 3. For the standard operating position, press the UP or DOWN arrow keys to display SET. Relays will respond to calibrated settings. (All relay parameters can be entered from either KILL or SET). 4. When the desired setting is displayed, press ENT to lock in the value and to display LVLO (low trip point). 5. Press ENT to display the current value. 6. Use the UP or DOWN arrow key to raise or lower the value. 7. When the desired setting is displayed, press ENT to lock in the value and display LVHI. 8. Press ENT once again to display the current value for LVHI (high trip point). 9. Use the UP or DOWN arrow key to raise or lower the value. 10. When the desired setting is displayed, press ENT to lock in the value and display TDLO (time delay low). 11. Press ENT once again to display the current value for TDLO. Time delay low selects the desired value of time delay on falling level. 12. Use the UP or DOWN arrow key to raise or lower the value. Time delay is adjustable between 0 and 90 seconds. 13. When the desired value is displayed, press ENT to lock in the value and to display TDHI (time delay high). 14. Press ENT once again to display the current value of TDHI. Time delay high selects the desired value of time delay on rising level. ENT ENT ENT ENT ENT ENT ENT ENT ENT 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |