| Electronic Components Datasheet Search |
|
822-1002-C01 Datasheet(PDF) 8 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 Datasheet(HTML) 8 Page - Magnetrol International, Inc. |
|
8 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 5 1.5 Probe Installation NOTE: For units with remote electronics, the probe connections are made to the preamplifier. There is a two wire connection between the preamplifier and the main electronics. Refer to Section 1.6, Installing a Remote Unit, for details of installing the remote electronics. Follow Section 1.5, Probe Installation directions for details in installing the probe. 1.5.1 Installing a Standard Probe Before installing, ensure the: • Probe has adequate headroom for installation and has unobstructed entry in the vessel. • Process temperature, pressure, dielectric, and viscosity are within the probe specifications for the installation. See Section 3.2, Specifications. To install a probe: 1. Thread probe into mounting bushing on tank. 2. Tighten securely, being certain that the wrench is applied ONLY to the mounting gland. Refer to Figure 9. 3. Screw the amplifier housing onto the probe. Refer to Figure 9. 4. Screw housing on the probe until hand tight. Housing can be wrench tightened to align conduit connection with conduit. 5. Locate the white wire which is fastened to the probe terminal (P), Connect the free end of this wire to the probe connection screw. 6. Proceed to Section 1.7, Wiring. 1.5.2 Installing a Flexible Probe Caution: Insulated flexible probes are shipped with the cable clamp and the packing gland nut hand tightened. The end of a flexible probe MUST be kept taut by attaching the anchor end at the bottom of the vessel or by using a Magnetrol supplied probe weight. Caution: Do not discard the Mylar® housing insulator. Caution: The probe cable must not be in contact with any metallic surface in its final installation position. Figure 7 Vertical Mounting ENT 3871 Probe (white) Guard (red) Apply wrench here Figure 8 Integral Mount with Guarded Probe Figure 9 Integral Mount with Standard Rigid Probe ENT 3871 Probe (white) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |