Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

822-1002-C01 Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 9Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 10Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 11Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 12Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 13Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 14Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 15Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 16Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
10
2.0
Calibration
2.1
Operator Set Up
MagneCal™, the Sentinel’s sophisticated calibration software,
uses a microprocessor-based user interface, which provides
the operator unmatched flexibility and programmability
for a variety of level control applications. These features are
built into the controller and are entered via three tactile-
feedback keys (UP
arrow, DOWN
arrow, and
ENT
) located on the amplifier circuit board. In addi-
tion, a 4-digit LED displays the operating parameters and
values. The keys and their functions are shown below.
Upon power up, the LED will display the following mes-
sage: Magnetrol Int’l followed by a series of walk-
ing M’s (multi-point) or S’s (single point), based on the
calibration configuration selected. This is the normal
RUN mode.
UP/RAISE:
Use to scroll up through menu selections, or
raise numeric values. There are three speeds for scrolling
numeric values. Ramp speed is increased by continuously
depressing the UP
arrow key. To decrease speed as the
desired value is approached, release the UP
arrow key
and unit will revert to the slowest ramp speed.
DOWN/LOWER:
Use to scroll down through menu selec-
tions or lower numeric values. There are three speeds for
scrolling numeric values. Ramp speed is increased by
continuously depressing the DOWN
arrow key. To
decrease speed as the desired value is approached, release
the DOWN
arrow key and the unit will revert to
slowest ramp speed.
ENTER:
Use to select displayed value and to continue to
the next menu selection. Complete menu layouts are
provided to show the user-selectable parameters.
NOTE: The unit will automatically time out and revert to the RUN mode
after 60 seconds of no key strokes. Any information already
entered is secure, and the calibration may be safely resumed
at any time.
ENT
ENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com