| Electronic Components Datasheet Search |
|
822-1002-C01 Datasheet(PDF) 15 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 Datasheet(HTML) 15 Page - Magnetrol International, Inc. |
|
15 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 12 2.3 Calibration—Single Point 2.3.1 Program Path 1 — Configuration The SING (single point) program is for single point alarm applications and allows for proper calibration without level change. The MULT (multi-point) program is for all pump (wide differential) control, multiple relay applications, and single point applications where an adjustable set point is needed. NOTE: Specific order of the configuration modes must be followed for proper calibration of the Sentinel Level Switch. It is imperative that the user select CONFIGURATION for the first calibration procedure. Within the CONFIGURATION mode, the single or multi-point operation must be selected. This selection affects the balance of the configuration procedures and will signifi- cantly affect the performance of the level switch if the modes of operation are not followed. STEP 1: CNFG (Configuration) 1. From the RUN mode, press the ENT and the UP arrow key simultaneously ( ) to enter the menu. The display will read CNFG. Configuration is the first mode in configuring the Sentinel. (Refer to the previous NOTE). 2. Press ENT to confirm configuration selection and unit will display COMM. COMM (Communications) refers to a future RS-485 option of the Sentinel. Although selections appear in the flowchart (screened area) and in the software program, these features are not available at this time. 3. With COMM displayed, press DOWN to display MODE. STEP 2: MODE (Mode) 1. Mode refers to the selection of a single point (alarm only) or multi-point a (pump control) application of the Sentinel. Press ENT to display MULT. 2. Since single point use is desired, using the UP or DOWN arrow keys, toggle between single or multi- point selection. 3. Once SING is displayed, press ENT to return to the RUN mode. NOTE: Upon SING (single point) selection and the return to the RUN mode, the display will verify your selection by displaying a walking S (single point mode). Proceed to Section 2.3.2, Program Path 2 — Single Point. ENT ENT ENT ENT ENT RUN CNFG MULT SING MODE COMM TERM ADDR OFF HOST ENT ENT ENT ENT ENT Calibration Flow Structure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |