| Electronic Components Datasheet Search |
|
822-1002-C01 Datasheet(PDF) 19 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 Datasheet(HTML) 19 Page - Magnetrol International, Inc. |
|
19 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 16 2.4 Calibration—Multi Point 2.4.1 Program Path 1 — Configuration The SING (single point) program is for single point alarm applications and allows for proper calibration without level change. The MULT (multi-point) program is for all pump (wide differential) control, multiple relay applications, and single point applications where an adjustable set point is needed. NOTE: Specific order of the configuration modes must be followed for proper calibration of the Sentinel Level Switch. It is imperative that the user select CNFG for the first calibration procedure. Within the CNFG mode, the single or multi-point operation must be selected. This selection affects the balance of the configuration procedures and will significantly affect the performance of the level switch if the modes of operation are not followed. STEP 1: CNFG (Configuration) 1. From the RUN mode, press the ENT and the UP arrow keys simultaneously ( ) to enter the menu. The display will read CNFG. Configuration is the first mode in configuring the Sentinel. (Refer to the NOTE above). 2. Press ENT to confirm configuration selection and unit will display COMM. COMM (Communications) refers to a future RS-485 option of the Sentinel. Although selections appear in the flowchart (screened area of diagram at left) and in the software program, these features are not avail- able at this time. 3. With COMM displayed, press the DOWN arrow key to display MODE. STEP 2: MODE (Mode) 1. MODE refers to the selection of a single point (alarm only) or multi-point application of the Sentinel. Press ENT to display MULT. 2. Since multi-point use is desired, press ENT to return to the RUN mode. For MULT (multi-point) selection, the display will read **NOT READY**. Proceed to Section 2.4.2, Program Path 3 — Probe Calibration. NOTE: Although standard procedure is to calibrate the probe first (eliminating the **NOT READY** message), relay parameters can be set prior to calibrating the probe. This means full cali- bration of all relays may be done indoors on a test bench. The remaining PRLO/PRHI points can then be calibrated, after the unit is installed. ENT ENT ENT ENT ENT RUN CNFG MULT SING MODE COMM TERM ADDR OFF HOST ENT ENT ENT ENT ENT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |