Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

822-1002-C01 Datasheet(PDF) 35 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 35 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 31Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 32Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 33Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 34Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 35Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 36Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 37Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 38Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 39Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
32
inches (mm)
2.75
(70)
4.67
(119)
3.00
(76)
4.63
(118) Dia.
Rotation clearance
2 Holes
.38 (10) Dia.
1/2" NPT
or 3/4" NPT
3.00
(76)
2.00
(51)
2.37
(60)
3.50
(89)
3.75
(95)
E
G
Optional
mounting
flange
2.95
(75)
3/4" NPT
Optional anchor
assembly
(P/N 032-8902-001)
4.87
(124)
1.25
(32)
5.55
(141)
.75
(19)
Optional
weight
(P/N 004-4355-001)
.1875 (5)
.2500 (6)
1
A
B
F
3
2
Figure 23
Remote Mount with Flexible Probe
(electronic shown with Cast Iron Housing)
Conduit Connections G
NEMA 4X
3⁄4" NPT
Single conduit
NEMA 4X/7/9
1" NPT
Single conduit
NEMA 4X/7/9
1" NPT
Dual conduit
NOTES:
Œ Allow 8 in. (203 mm) overhead clearance for cover removal.
 Standard process connection is 3⁄4" NPT. Consult probe brochure (50-125)
for flange and other probe connections.
Ž Probe/amplifier connecting cable to be shielded, twisted-pair, 22-gauge
stranded conductors. Magnetrol P/N 009-7146-001 2500 feet (760 m); max-
imum 800 feet (240 m) maximum for intrinsically safe models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com