Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K33 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Rev. 1.10
�
�a� 1�� �011
Rev. 1.10
7
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
D.C. Characteristics
VDD =4.5~5.5V; Ta=25°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
4.5
5
5.5
V
IDD
Operating Current
5
No load� normal operation�
INT/ROW bit is set to “0”
—
1
�
mA
ISTB
Standb� Current
5
No load� standb� mode
—
1
10
μA
VIH
Input high Voltage
5
SDA�SCL
0.7VDD
—
VDD
V
VIL
Input Low Voltage
5
SDA� SCL
0
—
0.3VDD
V
IIL
Input leakage current
—
VIN = VSS or VDD
-1
—
1
μA
RPL
Input pull-low resistor
5
ROW3/K1~ROW15/K13�
ROW0/A�~ROW�/A0 Ke�scan
during
�50
—
—
KΩ
IOL1
Low level output current
5
VOL=0.4V; SDA
�
—
—
mA
IOL�
ROW Sink Current
5
VOL=0.4V� INT pin
�
—
—
mA
IOH1
ROW Source Current
5
VOH=VDD-�V� (ROW0~ROW15 pin)
-�0
-�5
-40
mA
VOH=VDD-3V� (ROW0~ROW15 pin )
-�5
-30
-50
mA
Imath
ROW Source Current
tolerance
5
VOH=VDD-3V� (ROW0~ROW15 pin )
—
—
5
%
IOL3
CO� Sink Current
5
VOL=0.3V� (CO�0~CO�7 pin)
1�0
�00
—
mA
IOH�
CO� Source Current
5
VOH=VDD-�V� (CO�0~CO�3 pin)
-�0
-�5
-40
mA
A.C. Characteristics
VDD =4.5~5.5V; Ta=25°C (Unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Condition
tLED
LED Frame time
5
1/9 Dut�
7.�
9.5
11.4
ms
tOFF
VDD OFF Time
—
VDD drop down to 0V
�0
—
—
ms
tSR
VDD Slew Rate
—
—
0.05
—
—
V/ms
Note: 1. If the Power on Reset timing conditions are not satisfied in the power ON/OFF sequence, the internal
Power on Reset circuit will not operate normally.
2. If VDD drops below the minimum voltage of the operating voltage spec. during operating, the Power on
Reset timing conditions must also be satisfied. That is, VDD must drop to 0V and remain at 0V for 20ms (min.)
before rising to the normal operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com