Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K33 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Rev. 1.10
�8
�a� 1�� �011
Rev. 1.10
�9
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Read Operation
Byte read operation
● A byte read operation requires a START condition, slave address with R/W bit, a fix valid Register
address, slave address with R bit, a Data and a NACK signal and a STOP condition.
● The Byte reads command is not available for Key data reading.
Slave Address
ACK
Write
Command / register address b�te
ACK
S
1
1
1
0
A� A1 A0
0
D15 D14 D13 D1� D11 D10 D9
D8
Slave Address
Read
S
1
1
1
0
A� A1 A0
1
P
ACK
Data b�te
D7
D�
D5
D4
D3
D�
D1
D0
1 b�te data
P
NACK
Reading Single Data Bytes from the HT16K33
Page read operation
● In this mode, the master reads the HT16K33 data after setting the slave address. Following a
R/W bit (=“0”) and acknowledge bit, the register address (An) is written to the address W pointer.
Next the START condition and slave address are repeated followed by a R/W bit (=“1”). The data
which was addressed is then transmitted. The address pointer is only incremented on reception of
an acknowledge clock. The HT16K33 will place the data at address An+1 on the bus. The master
reads and acknowledges the new byte and the address pointer is incremented to “An+2”.
● If the register address (An) is 0X00h ~ 0X0Fh, after reaching the memory location 0X0Fh, the
pointer will be reset to 0X00h.
● The key data RAM of address 0x40H~0x45H should be read continuously and completed in one
operation, so the key data RAM of address should be started from 0x40H only.
● This cycle of reading consecutive addresses will continue until the master sends a NACK signal
and STOP condition.
Slave Address
ACK
Write
Command / register address b�te
ACK
S 1 1 1 0 A� A1 A0 0
D15 D14 D13 D1� D11 D10 D9 D8
Data b�te
NACK
P
D7 D� D5 D4 D3 D� D1 D0
n b�tes data
Slave Address
Read
S 1 1 1 0 A� A1 A0 1
P
ACK
Data b�te
D7 D� D5 D4 D3 D� D1 D0
First b�te data
ACK
Data b�te
D7 D� D5 D4 D3 D� D1 D0
Second b�te data
∫∫
ACK
Reading n Data Bytes from the HT16K33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com