Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K33 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Rev. 1.10
�8
�a� 1�� �011
Rev. 1.10
�9
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Write Operation
Byte write operation
A byte write operation requires a START condition, slave address with R/W bit, a valid Command
code / Register address, a Data and a STOP condition.
Slave Address
ACK
Write
Command code
ACK
P
S
1
1
1
0
A� A1 A0
0
D15 D14 D13 D1� D11 D10 D9
D8
Command Byte Received
Slave Address
ACK
Write
Command / Address b�te
ACK
S
1
1
1
0 A� A1 A0 0
D15 D14 D13 D1� D11 D10 D9
D8
Data code
ACK
P
D7
D�
D5
D4
D3
D�
D1
D0
1 b�te data
Command and Single Data Byte Received
Page write operation
Following a START condition and slave address with R/W bit is placed on the bus and indicates to
the addressed device that Register Address will follow and is to be written to the address pointer.
The data to be written to the memory in next and the internal address pointer is incremented to the
next address location on the reception of an acknowledge clock. After reaching the display memory
location 0X0FH the pointer will reset to 0X00H (display memory).
Slave Address
ACK
Write
Command / register Address b�te
ACK
S 1 1 1 0 A� A1 A0 0
D15 D14 D13 D1� D11 D10 D9 D8
Data b�te
ACK
P
D7 D� D5 D4 D3 D� D1 D0
n b�tes data
Data b�te
D7 D� D5 D4 D3 D� D1 D0
First b�te data
ACK
Data b�te
D7 D� D5 D4 D3 D� D1 D0
Second b�te data
∫∫
ACK
N Data Bytes Received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com