Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K33 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 39Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Rev. 1.10
3�
�a� 1�� �011
Rev. 1.10
33
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
●
Key data read
no
�es
Start
Int flag bit =1 ?
Read Ke� data
Next processing
row/int select Register set
INT / ROW bit=1?
�es
no
Clear int flag
and the ke� data RA�
no
�es
Int pin bit =1 ?
Read Ke� data
Next processing
INT pin is set to low level
and clears the ke� data RA�
no
�es
Int pin bit =0 ?
Read Ke� data
Next processing
INT pin is set to high level
and clears the ke� data RA�
“
act” bit is set to “0”=?
�es
no
Read Ke� data
Next processing
Clear int flag
and clears the ke� data RA�
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com