Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K33 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Rev. 1.10
��
�a� 1�� �011
Rev. 1.10
�7
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Acknowledge
● Each bytes includes eight bits is followed by a single acknowledge bit. This acknowledge bit is a
low level put on the bus by the receiver, the master generates an extra acknowledge related clock
pulse.
● A slave receiver which is addressed must generate an acknowledge (ACK) after the reception of
each byte.
● The device that acknowledge must pull down the SDA line during the acknowledge clock pulse
so that it remains stable low during the high period of this clock pulse.
● A master receiver must signal an end of data to the slave by generating a not-acknowledge (NACK)
bit on the last byte that has been clocked out of the slave. In this case, the master receiver must
leave the data line high during the 9th pulse to not acknowledge. The master will generate a STOP
or repeated START condition.
S
1
2
7
8
9
clk pulse for
acknowledgement
DATA OUTPUT
BY TRANSMITER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER
acknowledge
not acknowledge
START
condition
Slave Addressing
● The HT16K33 device requires an 8-bit slave address word following a start condition to enable
the device for a write operation. The device address words consist of a mandatory one, zero
sequence for the first four most significant bits (refer to the diagram showing the slave Address).
This is common to all LED devices.
● The slave address input circuit is shown below. A2~A0 are set to “0”, when A2~A0 are floating.
A2~A0 are to “1”, when A2~A0 are connected to an AD pin with a diode and resister.
● The slave address set is loaded into the HT16K33 at every frame.
ROW�/A0
ROW1/A1
ROW0/A�
A0
A1
A�
HT1�K33
CO�0/AD
39KΩ*3
● The slave address byte is the first byte received following the START condition from the master
device. The first seven bits of the first byte make up the slave address. The eighth bit defines
whether a read or write operation is to be performed. When the R/W bit are “1”, then a read
operation is selected. A “0” selects a write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com