Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K33 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 39Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 40Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 41Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 42Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 43Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 44Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 45Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 46Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 47Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
Rev. 1.10
40
�a� 1�� �011
Rev. 1.10
41
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
28-pin SOP (300mil) Outline Dimensions
&

#
"
)
*
+
,
.
+
/
0
=
-
MS-013
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.393
―
0.419
B
0.�5�
―
0.300
C
0.01�
―
0.0�0
C’
0.�97
―
0.713
D
―
―
0.104
E
―
0.050
―
F
0.004
―
0.01�
G
0.01�
―
0.050
H
0.008
―
0.013
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
9.98
―
10.�4
B
�.50
―
7.��
C
0.30
―
0.51
C’
17.70
―
18.11
D
―
―
�.�4
E
―
1.�7
―
F
0.10
―
0.30
G
0.41
―
1.�7
H
0.�0
―
0.33
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com