Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K33 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Rev. 1.10
1�
�a� 1�� �011
Rev. 1.10
13
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Display Memory – RAM Structure
● The display RAM is a static 16 x 8 -bits RAM which stores the LED data. Logic “1” in the RAM
bit-map indicates the “on” state of the corresponding LED Row; similarly, a logic 0 indicates the
“off” state.
● There is a one-to-one correspondence between the RAM addresses and the Row outputs, and
between the individual bits of a RAM word and the column outputs. The following shows the
mapping from the RAM to the LED pattern:
COM0
ROW0
ROW7 ROW8
ROW15
CO�0
00H
01H
CO�1
0�H
03H
CO��
04H
05H
CO�3
0�H
07H
CO�4
08H
09H
CO�5
0AH
0BH
CO��
0CH
0DH
CO�7
0EH
0FH
● I2C bus display data transfer format
Data byte of I2C
D7
D6
D5
D4
D3
D2
D1
D0
ROW
7
�
5
4
3
�
1
0
15
14
13
1�
11
10
9
8
LED drive mode waveforms and scanning is as follows:
● The HT16K33 allows use of 1/9 duty mode and the combined ROW/INT pin is set to a ROW
driver output as shown:
ROW3/K1~ROW15/K13
1040 μs
32 μs
1024 μs
CO�0
(AD)
CO�1
(KS0)
CO��
(KS1)
CO�3
(KS�)
CO�4
CO�5
CO��
CO�7
16 μs
16 μs
1 Frame=1056us*9=9.504ms
32 μs
Hi-z
Hi-z
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
LOW
Hi-z
Hi-z
Hi-z
Hi-z
Hi-z
Hi-z
Hi-z
Hi-z
LOW
LOW
Hi
Hi
Hi
Hi-z
Hi-z
Hi-z
Hi-z
Hi-z
Hi-z
Hi-z
Hi-z
LOW
LOW
LOW
LOW
LOW
LOW
LOW
Hi
LED Display period
Key scan
period
ROW0/A�~ROW�/A0
Hi-z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com