Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K33 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Rev. 1.10
30
�a� 1�� �011
Rev. 1.10
31
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
Command Summary
Name
Command / Address
Option
Description
Def.
D15 D14 D13 D12 D11 D10 D9 D8
Displa�
data
Address
pointer
0
0
0
0
A3 A� A1 A0 {A0~A3}
R/W
● Five bits of immediate data� bits A0 to A3�
are transferred to the data pointer to define
one of sixteen displa� RA� addresses.
● If the Displa� data register address (An)
is 0X00h ~ 0X0Fh� after reaching the
memor� location 0X0Fh� the pointer will
reset to 0X00h
00H
S�stem
setup
0
0
1
0
X
X
X
S
{S}
Write onl�
Defines internal system oscillator on/off
● {0}:Turn off S�stem oscillator (standb�
mode)
● {1}:Turn on S�stem oscillator (normal
operation mode)
�0H
Ke� data
Address
pointer
0
1
0
0
0
K� K1 K0 {K0~K�}
Read onl�
● Three bits of immediate data� bits K0 to
K�� are transferred to the data pointer to
define one of six key data RAM addresses.
● It is strongl� recommended that the ke�
data RA� of address 0x40H~0x45H
should be read continuousl� and in one
operation� so the ke� data RA� of address
should be started at 0x40H onl�.
● If the Ke� data register address (An) is
0X40h ~ 0X45h� after reaching the memor�
location 0X45h� the pointer will reset to
0X40h
40H
INT flag
Address
pointer
0
1
1
0
0
0
0
0 Read onl�
Defines the INT flag address, Read INT flag
status.
Interrupt flag signal output. When an� ke�
matrix ke� is pressed� after the completion of
two key scan cycles, this int flag bit goes to a
high level and remains at a high level until all
ke� data has been read�
�0H
Displa�
setup
1
0
0
0
X
B1 B0
D
{D}
Write onl�
Defines Display on/off status.
● {0}: Displa� off
● {1}: Displa� on
80H
{B1�B0}
Write onl�
Defines the blinking frequency
● {0�0} = Blinking OFF
● {0�1} = �HZ
● {1�0} = 1HZ
● {1�1} = 0.5HZ
Note: If programmed command data is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com