Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F43 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 152 page
background image
For the PFD output to function, it is essential that the corresponding bit of the Port A control register
PAC bit 5 is setup as an output. If setup as an input the PFD output will not function, however, the pin
can still be used as a normal input pin. The PFD output will only be activated if bit PA5 is set to
²1².
This output data bit is used as the on/off control bit for the PFD output. Note that the PFD output will
be low if the PA5 output data bit is cleared to
²0².
Using this method of frequency generation, and if a crystal oscillator is used for the system clock, very
precise values of frequency can be generated.
Prescaler
Bits T0PSC0~T0PSC2 of the TMR0C register can be used to define the pre-scaling stages of the
internal clock sources of the Timer/Event Counter 0. The Timer/Event Counter overflow signal can be
used to generate signals for the PFD and Timer Interrupt.
TMR0C Register
Bit
76543210
Name
T0M1
T0M0
¾
T0ON
T0E
T0PSC2
T0PSC1
T0PSC0
R/W
R/W
R/W
¾
R/W
R/W
R/W
R/W
R/W
POR
0
0
¾
01000
Bit 7,6
T0M1, T0M0: Timer 0 operation mode selection
00: event counter mode, the input signal is from Comparator 1 output
01: event counter mode, the input signal is from TC0 pin.
10: timer mode
11: pulse width capture mode
Bit 5
unimplemented, read as
²0²
Bit 4
T0ON: Timer/Event Counter counting enable
0: disable
1: enable
Bit 3
T0E:
Event counter active edge selection
0: count on raising edge
1: count on falling edge
Pulse Width Capture active edge selection
0: start counting on falling edge, stop on rasing edge
1: start counting on raising edge, stop on falling edge
Bit 2~0
T0PSC2, T0PSC1, T0PSC0: Timer prescaler rate selection
Timer internal clock=
000: fSYS
001: fSYS/2
010: fSYS/4
011: fSYS/8
100: fSYS/16
101: fSYS/32
110: fSYS/64
111: fSYS/128
Rev. 1.20
66
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
T i m e r O v e r f l o w
P F D C l o c k
P A 5 D a t a
P F D O u t p u t a t P A 5
PFD Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com