Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F43 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 152 page
background image
I
2C Bus Communication
Communication on the I
2C bus requires four separate steps, a START signal, a slave device address
transmission, a data transmission and finally a STOP signal. When a START signal is placed on the I
2C
bus, all devices on the bus will receive this signal and be notified of the imminent arrival of data on the
bus. The first seven bits of the data will be the slave address with the first bit being the MSB. If the
address of the slave device matches that of the transmitted address, the HAAS bit in the SIMC1
register will be set and an I
2C interrupt will be generated. After entering the interrupt service routine,
the slave device must first check the condition of the HAAS bit to determine whether the interrupt
source originates from an address match or from the completion of an 8-bit data transfer. During a data
transfer, note that after the 7-bit slave address has been transmitted, the following bit, which is the 8th
bit, is the read/write bit whose value will be placed in the SRW bit. This bit will be checked by the slave
device to determine whether to go into transmit or receive mode. Before any transfer of data to or from
the I
2C bus, the microcontroller must initialise the bus, the following are steps to achieve this:
Step 1
Set the SIM2~SIM0 and SIMEN bits in the SIMC0 register to
²1² to enable the I2C bus.
Step 2
Write the slave address of the device to the I
2C bus address register SIMA.
Step 3
Set the ESIM and SIM Muti-Function interrupt enable bit of the interrupt control register to enable the
SIM interrupt and Multi-function interrupt.
I
2C Bus Start Signal
The START signal can only be generated by the master device connected to the I
2C bus and not by the
slave device. This START signal will be detected by all devices connected to the I
2C bus. When
detected, this indicates that the I
2C bus is busy and therefore the HBB bit will be set. A START
condition occurs when a high to low transition on the SDA line takes place when the SCL line remains
high.
Rev. 1.20
92
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
S t a r t
W r i t e S l a v e
A d d r e s s t o S I M A
S E T S I M [ 2 : 0 ] = 1 1 0
S E T S I M E N
I 2 C B u s
I n t e r r u p t = ?
Y e s
N o
S E T E S I M a n d M F n E
W a i t f o r I n t e r r u p t
G o t o M a i n P r o g r a m
C L R E S I M
P o l l S I M F t o d e c i d e
w h e n t o g o t o I 2 C B u s I S R
G o t o M a i n P r o g r a m
I
2C Bus Initialisation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com