| Electronic Components Datasheet Search |
|
HT45F43 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F43 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc |
|
72 / 152 page ![]() The following diagram illustrates the waveforms associated with the 6+2 mode of PWM operation. It is important to note how the single PWM cycle is subdivided into 4 individual modulation cycles, numbered from 0~3 and how the AC value is related to the PWM value. 7+1 PWM Mode Each full PWM cycle, as it is controlled by an 8-bit PWM register, has 256 clock periods. However, in the 7+1 PWM mode, each PWM cycle is subdivided into two individual sub-cycles known as modulation cycle 0 ~ modulation cycle 1, denoted as i in the table. Each one of these two sub-cycles contains 128 clock cycles. In this mode, a modulation frequency increase of two is achieved. The 8-bit PWM register value, which represents the overall duty cycle of the PWM waveform, is divided into two groups. The first group which consists of bit1~bit7 is denoted here as the DC value. The second group which consists of bit0 is known as the AC value. In the 7+1 PWM mode, the duty cycle value of each of the two modulation sub-cycles is shown in the following table. Parameter AC (0~1) DC (Duty Cycle) Modulation cycle i (i=0~1) i<AC DC+1 128 i ³AC DC 128 7+1 Mode Modulation Cycle Values Rev. 1.20 72 September 15, 2011 HT45F23/HT45F43 8-Bit Flash MCU with Op Amps & Comparators P W M R e g i s t e r ( 6 + 2 ) M o d e b 7 b 0 A C v a l u e D C v a l u e PWM Register for 6+2 Mode f S Y S / 2 P W M [ P W M ] = 1 0 0 [ P W M ] = 1 0 1 P W M [ P W M ] = 1 0 2 P W M [ P W M ] = 1 0 3 P W M P W M c y c l e : 2 5 6 / f S Y S 2 5 / 6 4 2 6 / 6 4 2 6 / 6 4 2 6 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 6 / 6 4 2 6 / 6 4 2 5 / 6 4 2 5 / 6 4 2 6 / 6 4 2 5 / 6 4 2 6 / 6 4 2 6 / 6 4 2 6 / 6 4 M o d u l a t i o n c y c l e 0 P W M m o d u l a t i o n p e r i o d : 6 4 / f S Y S M o d u l a t i o n c y c l e 1 M o d u l a t i o n c y c l e 2 M o d u l a t i o n c y c l e 3 M o d u l a t i o n c y c l e 0 6+2 PWM Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |