Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F43 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 152 page
background image
BPCTL Register
Bit
76543210
Name
PMODE
PWM1EN
PWM0EN
BC1
BC0
BZ2
BZ1
BZ0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
PMODE: PWM type selection
0: 7+1
1: 6+2
Bit 6
PWM1EN: PWM1 or the other pin-shared functions
0: the other pin-shared functions
1: PWM1
Bit 5
PWM0EN: PWM0 or the other pin-shared functions
0: the other pin-shared functions
1: PWM0
Bit 4~0
Buzzer output and I/O configuration selection, described elsewhere
6+2 PWM Mode
Each full PWM cycle, as it is controlled by an 8-bit PWM register, has 256 clock periods. However, in
the 6+2 PWM mode, each PWM cycle is subdivided into four individual sub-cycles known as
modulation cycle 0 ~ modulation cycle 3, denoted as i in the table. Each one of these four sub-cycles
contains 64 clock cycles. In this mode, a modulation frequency increase of four is achieved. The 8-bit
PWM register value, which represents the overall duty cycle of the PWM waveform, is divided into
two groups. The first group which consists of bit2~bit7 is denoted here as the DC value. The second
group which consists of bit0~bit1 is known as the AC value. In the 6+2 PWM mode, the duty cycle
value of each of the four modulation sub-cycles is shown in the following table.
Parameter
AC (0~3)
DC (Duty Cycle)
Modulation cycle i
(i=0~3)
i<AC
DC+1
64
i
³AC
DC
64
6+2 Mode Modulation Cycle Values
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
71
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com