Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F43 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 152 page
background image
Pulse Width Modulator
This device contains two channels of 8-bit PWM function. Useful for such applications such as motor
speed control, the PWM function provides outputs with a fixed frequency but with a duty cycle that
can be varied by setting particular values into the corresponding PWM register.
Device
Channels
Mode
Pins
Registers
HT45F43
2
6+2
7+1
PC5
PC6
PWM0
PWM1
PWM Operation
A single register, known as PWMn and located in the Data Memory is assigned to each Pulse Width
Modulator channel. It is here that the 8-bit value, which represents the overall duty cycle of one
modulation cycle of the output waveform, should be placed. To increase the PWM modulation
frequency, each modulation cycle is subdivided into two or four individual modulation subsections,
known as the 7+1 mode or 6+2 mode respectively. The required mode and the on/off control for each
PWM channel is selected using the BPCTL register. Note that when using the PWM, it is only
necessary to write the required value into the PWMn register and select the required mode setup and
on/off control using the BPCTL registers, the subdivision of the waveform into its sub-modulation
cycles is implemented automatically within the microcontroller hardware. The PWM clock source is
the system clock fSYS. This method of dividing the original modulation cycle into a further 2 or 4
sub-cycles enable the generation of higher PWM frequencies which allow a wider range of
applications to be served. The difference between what is known as the PWM cycle frequency and the
PWM modulation frequency should be understood. As the PWM clock is the system clock, fSYS, and as
the PWM value is 8-bits wide, the overall PWM cycle frequency is fSYS/256. However, when in the 7+1
mode of operation the PWM modulation frequency will be fSYS/128, while the PWM modulation
frequency for the 6+2 mode of operation will be fSYS/64.
PWM Modulation
PWM Cycle Frequency
PWM Cycle Duty
fSYS/64 for (6+2) bits mode
fSYS/128for (7+1) bits mode
fSYS/256
[PWM]/256
Rev. 1.20
70
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
P W M 0 R e g i s t e r
8 - b i t C o m p a r a t o r 0
P W M 1 R e g i s t e r
8 - b i t C o m p a r a t o r 1
8 - b i t / ( 7 + 1 ) / ( 6 + 2 )
P W M C o u n t e r
P M W 0
P M W 1
PWM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com