Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F43 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
PB2/SCK/SCL
PB2
PBPU
MISC
ST
CMOS
NMOS
General purpose I/O. Register enabled pull-up and
output NMOS structure.
SCK
¾
ST
¾
SPI serial clock
SCL
¾
ST
NMOS
I
2C clock
PB3/AN0/SCS
PB3
PBPU
MISC
ST
CMOS
NMOS
General purpose I/O. Register enabled pull-up and
output NMOS structure.
AN0
ADCR
AN
¾
A/D channel 0
SCS
¾
ST
¾
SPI slave select
PB4/AN1/AUD/PCLK
PB4
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up
AN1
ADCR
AN
CMOS
A/D channel 1
AUD
DACTRL
¾¾
D/A output pin
PCLK
¾¾
CMOS
Peripheral clock output
PB5/AN2/PINT
PB5
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up
AN2
ADCR
AN
¾
A/D channel 2
PINT
¾
ST
¾
Peripheral interrupt
PB6/AN3/RES
PB6
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up
AN3
ADCR
AN
¾
A/D channel 3
RES
CO
ST
¾
Reset pin
PC0/AN4/OSC1
PC0
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
AN4
ADCR
AN
¾
A/D channel 4
OSC1
CO
HXT
¾
HXT/ERC pin
PC1/AN5/OSC2
PC1
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
AN5
ADCR
AN
¾
A/D channel 5
OSC2
CO
¾
HXT
HXT pin
PC2/XT1
PC2
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
XT1
CO
LXT
¾
LXT pin
PC3/XT2
PC3
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
XT2
CO
¾
LXT
LXT pin
PC4/VREF/VCAP/SCOM1
PC4
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
VREF
ACSR
AN
¾
ADC reference input
VCAP
LDOC
¾¾
LDO output capacitor pin. Connect a 0.1
mF
capacitor.
SCOM1
LCDC
¾
SCOM
Software controlled 1/2 bias LCD COM
PC5/PWM0/C1N/SCOM2
PC5
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
PWM0
BPCTL
¾
CMOS
PWM0 output pin
C1N
CMP1C1
CMPI
¾
Comparator 1 inverting input pin
SCOM2
LCDC
¾
SCOM
Software controlled 1/2 bias LCD COM
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
11
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com