Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F43 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 152 page
background image
Serial Interface Module
- SIM
This device contains a Serial Interface Module, which includes both the four line SPI interface or the
two line I
2C interface types, to allow an easy method of communication with external peripheral
hardware. Having relatively simple communication protocols, these serial interface types allow the
microcontroller to interface to external SPI or I
2C based hardware such as sensors, Flash or EEPROM
memory, etc. The SIM interface pins are pin-shared with other I/O pins therefore the SIM interface
function must first be selected using a configuration option. As both interface types share the same
pins and registers, the choice of whether the SPI or I
2C type is used is made using the SIM operating
mode control bits, named SIM2~SIM0, in the SIMC0 register. These pull-high resistors of the SIM
pin-shared I/O are selected using pull-high control registers, and also if the SIM function is enabled.
SPI Interface
The SPI interface is often used to communicate with external peripheral devices such as sensors, Flash
or EEPROM memory devices etc. Originally developed by Motorola, the four line SPI interface is a
synchronous serial data interface that has a relatively simple communication protocol simplifying the
programming requirements when communicating with external hardware devices.
The communication is full duplex and operates as a slave/master type, where the device can be either
master or slave. Although the SPI interface specification can control multiple slave devices from a
single master, but this device provided only one SCS pin. If the master needs to control multiple slave
devices from a single master, the master can use I/O pin to select the slave devices.
SPI Interface Operation
The SPI interface is a full duplex synchronous serial data link. It is a four line interface with pin names
SDI, SDO, SCK and SCS. Pins SDI and SDO are the Serial Data Input and Serial Data Output lines,
SCK is the Serial Clock line and SCS is the Slave Select line. As the SPI interface pins are pin-shared
with normal I/O pins and with the I
2C function pins, the SPI interface must first be enabled by selecting
the SIM enable configuration option and setting the correct bits in the SIMC0 and SIMC2 registers.
After the SPI configuration option has been configured it can also be additionally disabled or enabled
using the SIMEN bit in the SIMC0 register. Communication between devices connected to the SPI
interface is carried out in a slave/master mode with all data transfer initiations being implemented by
the master. The Master also controls the clock signal. As the device only contains a single SCS pin only
one slave device can be utilized. The SCS pin is controlled by software, set CSEN bit to
²1² to enable
SCS pin function, set CSEN bit to
²0² the SCS pin will be floating state.
The SPI function in this device offers the following features:
· Full duplex synchronous data transfer
· Both Master and Slave modes
· LSB first or MSB first data transmission modes
· Transmission complete flag
· Rising or falling active clock edge
· WCOL and CSEN bit enabled or disable select
Rev. 1.20
82
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
S P I M a s t e r
S P I S l a v e
S C K
S D O
S D I
S C S
S C K
S D I
S D O
S C S
SPI Master/Slave Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com