Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F43 Datasheet(PDF) 105 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 105 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 109Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
OPA1 I/O status description:
The following table illustrates the OPA1 I/O settings.
A1EN
A1NS
A1PS
IO2(A1N), IO3(A1P), IO4(A1E)
0
x
x
IO2, IO3, IO4 are I/Os
1
0
0
IO2, IO3 are I/Os. A1E is OPA1 output
1
0
1
IO2 is I/O. A1P is OPA1 input, A1E is OPA1 output
1
1
0
IO3 is I/O. A1N is OPA1 input, A1E is OPA1 output
1
1
1
A1N, A1P are OPA1 inputs, A1E is OPA1 output
OPA2 Switch Control
The following diagram and table illustrate the OPA2 switch control setting and the corresponding
connections. Note that some switch control selections will force some switches to be controlled by
hardware automatically.
For example:
· The PGAEN=1 will force S6D, S7D to close and the PGAEN=0 will force S6D, S7D to open.
· When the A2EN=0, these switches, S6D, S7D and S9D, are opened by hardware, then the related
I/O pins can be used as the other functions.
Note:
S1D, S2D and S3D are for HT45F23 only.
Switch priority: S4D > S11D > (S12D, S13D, S14D); if A2PS=1, S11D~S14D will be opened by
hardware.
Switch Priority: S5D > S8D; if A2NS=1, S8D will be opened by hardware.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
105
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com