Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F43 Datasheet(PDF) 125 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 125 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 129Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 152 page
background image
If the options have selected that only the PA6 pin is to function as a BZ buzzer pin, then the PA7 pin
can be used as a normal I/O pin. For the PA6 pin to function as a BZ buzzer pin, PA6 must be setup as
an output by setting bit PAC6 of the PAC port control register to zero. The PA6 data bit in the PA data
register must also be set high to enable the buzzer output, if set low pin PA6 will remain low. In this
way the PA6 bit can be used as an on/off control for the BZ buzzer pin PA6. If the PAC6 bit of the
PAC port control register is set high, then pin PA6 can still be used as an input even though the option
has configured it as a BZ buzzer output.
Note that no matter what BPCTL option is chosen for the buzzer, if the port control register has setup
the pin to function as an input, then this will override the BPCTL option selection and force the pin to
always behave as an input pin. This arrangement enables the pin to be used as both a buzzer pin and as
an input pin, so regardless of the BPCTL option chosen; the actual function of the pin can be changed
dynamically by the application program by programming the appropriate port control register bit.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
125
September 15, 2011
I n t e r n a l C l o c k S o u r c e , f T B
P A 6 D a t a
B Z O u t p u t a t P A 6
B Z O u t p u t a t P A 7
P A 7 D a t a
Buzzer Output Pin Control
Note:
The above drawing shows the situation where both pins PA6 and PA7 are selected by BPCTL option to be BZ
and BZ buzzer pin outputs. The Port Control Register of both pins must have already been setup as output.
The data setup on pin PA7 has no effect on the buzzer outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com