| Electronic Components Datasheet Search |
|
SX8663 Datasheet(PDF) 41 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8663 Datasheet(HTML) 41 Page - Semtech Corporation |
|
41 / 64 page ![]() ADVANCED COMMUNICATIONS & SENSING Rev5 4 th August 2011 © 2011 Semtech Corp. www.semtech.com 41 SX8663 Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output Capacitive Sensors Parameters Address Name Bits Description 3:0 Periodic Offset Compensation Defines the periodic offset compensation. 0x0: OFF (default) 0x1: 1 second 0x2: 2 seconds … 0x7: 7 seconds 0x8: 16 seconds 0x9: 18 seconds … 0xE: 28 seconds 0xF: 60 seconds Table 12 Capacitive Sensors Parameters CapSenseProtect If needed, ASI activity can be protected against LED interference by automatically disabling GPIOs during sensing periods. At the end of the sensing activity, GPIOs activity resume normally. CapModeMisc By default the ASI uses common sensitivity for all capacitive sensors in the case overlay material and sensors sizes are about equal. The register bits CapSensitivity0_1[7:4] determine the sensitivity for all sensors in common sensitivity mode. The ASI can use an individual sensitivity for each CAP pin The individual sensitivity mode results in longer sensing periods than required in common sensitivity mode. CapSensitivity0_1, CapSensitivity2_3, CapSensitivity4_5, CapSensitivity6_7, CapSensitivity8_9, CapSensitivity10_11 The sensitivity of the sensors can be set between 8 values. The higher the sensitivity is set the larger the value of the ticks will be. The minimum sensitivity can be used for thin overlay materials and large sensors, while the maximum sensitivity is required for thicker overlay and smaller sensors. The required sensitivity needs to be determined during a product development phase. Too low sensitivity settings result in missing touches. Too high sensitivity settings will result in fault detection of fingers hovering above the touch sensors. The sensitivity is identical for all sensors in common sensitivity mode using the bits CapSensitivity0_1[7:4] and can be set individually using register CapModeMisc[2:0]. CapThresh0, CapThresh1, CapThresh2, CapThresh3, CapThresh4, CapThresh5, CapThresh6, CapThresh7, CapThresh8, CapThresh9, CapThresh10, CapThresh11: For each CAP pin a threshold level can be set individually. The threshold levels are used by the SX8663 for making touch and release decisions. The details are explained in the sections for buttons. CapPerComp The SX8663 offers a periodic offset compensation for applications which are subject to substantial environmental changes. The periodic offset compensation is done at a defined interval and only if buttons are released. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |