Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8663 Datasheet(PDF) 50 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 50 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 46Page - Semtech Corporation SX8663 Datasheet HTML 47Page - Semtech Corporation SX8663 Datasheet HTML 48Page - Semtech Corporation SX8663 Datasheet HTML 49Page - Semtech Corporation SX8663 Datasheet HTML 50Page - Semtech Corporation SX8663 Datasheet HTML 51Page - Semtech Corporation SX8663 Datasheet HTML 52Page - Semtech Corporation SX8663 Datasheet HTML 53Page - Semtech Corporation SX8663 Datasheet HTML 54Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
50
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
GPIO Parameters
Address
Name
Bits Description
1:0
Fading mode for GPIO[4]
7:6
Fading mode for GPIO[3]
5:4
Fading mode for GPIO[2]
3:2
Fading mode for GPIO[1]
0x6E
GpioFadingMode3_0
1:0
Fading mode for GPIO[0]
01: Continuous
10: Reserved
11: Reserved
The fading modes are expected to be
defined at power up by the QSM or NVM.
In case the fading modes need to be
changed after power up this can be done
when the GPOs are all OFF.
Table 15 resumes the applicable SPM and I2C parameters for each GPIO mode.
GPO
Autolight OFF
GPO
Autolight ON
SPO
(Buzzer – GPIO7 only)
GpioMode
X
X
X
GpioOutPwrUp
X
1
OFF
OFF
GpioAutolight
OFF
ON
ON
GpioPolarity
X
TSM->Normal
else X
Normal
GpioIntensityOn
X
X
GpioIntensityOff
X
TSM->0%
else X
GpioFunction
X
X
Linear
GpioIncFactor
X
X
GpioDecFactor
X
X
GpioIncTime
X
X
GpioDecTime
X
X
GpioOffDelay
X
X
SPM
GpioFadingMode
X
X
I2C
GpoCtrl
X
1
GpioOutPwrUp must be set to OFF in Continuous Fading Mode
Grey = not applicable, with or without required setting
Table 15
Applicable (X) SPM/I2C Parameters vs. GPIO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com