| Electronic Components Datasheet Search |
|
SX8663 Datasheet(PDF) 28 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8663 Datasheet(HTML) 28 Page - Semtech Corporation |
|
28 / 64 page ![]() ADVANCED COMMUNICATIONS & SENSING Rev5 4 th August 2011 © 2011 Semtech Corp. www.semtech.com 28 SX8663 Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output 2 254/256 34 222/251 66 190/243 98 158/229 130 126/206 162 94/173 194 62/127 226 30/68 3 253/256 35 221/251 67 189/243 99 157/228 131 125/205 163 93/172 195 61/126 227 29/66 4 252/256 36 220/251 68 188/242 100 156/227 132 124/204 164 92/170 196 60/124 228 28/64 5 251/254 37 219/250 69 187/242 101 155/227 133 123/203 165 91/169 197 59/123 229 27/62 6 250/254 38 218/250 70 186/242 102 154/226 134 122/202 166 90/168 198 58/121 230 26/59 7 249/254 39 217/250 71 185/241 103 153/226 135 121/201 167 89/167 199 57/119 231 25/57 8 248/254 40 216/250 72 184/241 104 152/225 136 120/201 168 88/165 200 56/117 232 24/55 9 247/254 41 215/250 73 183/241 105 151/224 137 119/200 169 87/164 201 55/116 233 23/53 10 246/254 42 214/249 74 182/240 106 150/224 138 118/199 170 86/163 202 54/114 234 22/50 11 245/254 43 213/249 75 181/240 107 149/223 139 117/198 171 85/161 203 53/112 235 21/48 12 244/254 44 212/249 76 180/240 108 148/223 140 116/197 172 84/160 204 52/110 236 20/46 13 243/254 45 211/249 77 179/239 109 147/222 141 115/196 173 83/159 205 51/109 237 19/44 14 242/253 46 210/249 78 178/239 110 146/221 142 114/195 174 82/157 206 50/107 238 18/41 15 241/253 47 209/248 79 177/238 111 145/221 143 113/194 175 81/156 207 49/105 239 17/39 16 240/253 48 208/248 80 176/238 112 144/220 144 112/193 176 80/155 208 48/103 240 16/37 17 239/253 49 207/248 81 175/237 113 143/219 145 111/192 177 79/153 209 47/101 241 15/35 18 238/253 50 206/248 82 174/237 114 142/218 146 110/191 178 78/152 210 46/100 242 14/32 19 237/253 51 205/247 83 173/236 115 141/218 147 109/190 179 77/150 211 45/98 243 13/30 20 236/253 52 204/247 84 172/236 116 140/217 148 108/189 180 76/149 212 44/96 244 12/27 21 235/253 53 203/247 85 171/235 117 139/216 149 107/188 181 75/147 213 43/94 245 11/25 22 234/253 54 202/247 86 170/235 118 138/216 150 106/187 182 74/146 214 42/92 246 10/23 23 233/252 55 201/246 87 169/234 119 137/215 151 105/185 183 73/145 215 41/90 247 9/20 24 232/252 56 200/246 88 168/234 120 136/214 152 104/184 184 72/143 216 40/88 248 8/18 25 231/252 57 199/246 89 167/233 121 135/213 153 103/183 185 71/142 217 39/86 249 7/15 26 230/252 58 198/246 90 166/233 122 134/212 154 102/182 186 70/140 218 38/84 250 6/13 27 229/252 59 197/245 91 165/232 123 133/212 155 101/181 187 69/139 219 37/82 251 5/10 28 228/252 60 196/245 92 164/232 124 132/211 156 100/180 188 68/137 220 36/80 252 4/8 29 227/252 61 195/245 93 163/231 125 131/210 157 99/179 189 67/135 221 35/78 253 3/5 30 226/252 62 194/244 94 162/231 126 130/209 158 98/178 190 66/134 222 34/76 254 2/3 31 225/251 63 193/244 95 161/230 127 129/208 159 97/176 191 65/132 223 33/74 255 0/0 Table 8 Intensity index vs. PWM pulse width (inverted polarity) 3.15.4 Tri-State Multiplexing (TSM) SX8663 can support up to 36 individual LEDs ie one per matrix key. To make this possible with the limited GPIOs available a Tri-State Multiplexing driver has been implemented on chip and a specific LED matrix connection must be followed for correct operation. Figure 32 Tri-State Multiplexing Schematics (DMKx = LED of button MKx, Cf Figure 50) Whenever set to GPO with Autolight ON, GPIO0-6 (GPIO0-5 if PK is enabled) are automatically configured for TSM operation. If only PS is enabled the matrix is reduced to 6x5 LEDs, DMK31-36 can be removed and GPIO6 is available. If both PS and PK are enabled the matrix is reduced to 5x5 LEDs, DMK26-36 can be removed and GPIO6 is automatically used for PK independent LED feedback (if Autoligth ON, else can be controlled by the host). In addition to the standard individual button touch/release, if PS is enabled and ProxCfg[4:2] != 000 the remaining DMKx (6x5 or 5x5) will partially turn ON when proximity is detected as illustrated in figure below. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |