Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8663 Datasheet(PDF) 43 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 43 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 39Page - Semtech Corporation SX8663 Datasheet HTML 40Page - Semtech Corporation SX8663 Datasheet HTML 41Page - Semtech Corporation SX8663 Datasheet HTML 42Page - Semtech Corporation SX8663 Datasheet HTML 43Page - Semtech Corporation SX8663 Datasheet HTML 44Page - Semtech Corporation SX8663 Datasheet HTML 45Page - Semtech Corporation SX8663 Datasheet HTML 46Page - Semtech Corporation SX8663 Datasheet HTML 47Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
43
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
Buttons Parameters
Address
Name
Bits Description
0x64: 100%
0x27
BtnStuckAtTimeout
7:0
Defines the stuck at timeout for buttons.
0x00: OFF (default)
0x01: 1 second
…
0xFF: 255 seconds
Table 13
Button Parameters
A reliable button operation requires a coherent setting of the registers.
Figure 45 shows an example of a touch and a release. The ticks will vary slightly around the zero idle state.
When the touch occurs the ticks will rise sharply. At the release of the button the ticks will go down rapidly and
converge to the idle zero value.
Figure 45
Touch and Release Example
As soon as the ticks become larger than the CAP thresholds (see registers of the previous section) plus the
hysteresis (defined in register BtnHysteresis ) the debounce counter starts.
In the example of Figure 45 the touch is validated after 2 ticks (BtnCfg [2:0] = 1).
The release is detected immediately (BtnCfg [3] = 0) at the first tick which is below the threshold minus the
hysteresis.
BtnCfg
The user can select to have the interrupt signal (INTB) on touching a button, releasing a button or both.
In noisy environments it may be required to debounce the touch and release detection decision.
In case the debounce is enabled the SX8663 will count up to the number of debounce samples BtnCfg [1:0],
BtnCfg [3:2] before taking a touch or release decision. The sample period is identical to the scan period.
BtnAvgPosThresh
Small environmental and system noise cause the ticks to vary slowly around the zero idle mode value.
In case the ticks get slightly positive this is considered as normal operation. Very large positive tick values
indicate a valid touch. The averaging filter is disabled as soon as the average reaches the value defined by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com