Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8663 Datasheet(PDF) 51 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 51 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 47Page - Semtech Corporation SX8663 Datasheet HTML 48Page - Semtech Corporation SX8663 Datasheet HTML 49Page - Semtech Corporation SX8663 Datasheet HTML 50Page - Semtech Corporation SX8663 Datasheet HTML 51Page - Semtech Corporation SX8663 Datasheet HTML 52Page - Semtech Corporation SX8663 Datasheet HTML 53Page - Semtech Corporation SX8663 Datasheet HTML 54Page - Semtech Corporation SX8663 Datasheet HTML 55Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
51
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
6
I2C INTERFACE
The I2C implemented on the SX8663 is compliant with:
- standard (100kb/s), fast mode (400kb/s)
- slave mode
- 7 bit address (default 0x2B). The default address can be changed in the NVM at address 0x04.
The host can use the I2C to read and write data at any time. The effective changes will be applied at the next
processing phase (section 3.2).
Three types of registers are considered:
- status (read). These registers give information about the status of the capacitive buttons, GPIs, operation modes
etc…
- control (read/write). These registers control the soft reset, operating modes, GPIOs and offset compensation.
- SPM gateway (read/write). These registers are used for the communication between host and the SPM. The
SPM gateway communication is done typically at power up and is not supposed to be changed when the
application is running. The SPM needs to be re-stored each time the SX8663 is powered down.
The SPM can be stored permanently in the NVM memory of the SX8663. The SPM gateway communication over
the I2C at power up is then not required.
The I2C will be able to read and write from a start address and then perform read or writes sequentially, and the
address increments automatically.
The supported I2C access formats are described in the next sections.
6.1
I2C Write
The format of the I2C write is given in Figure 48.
After the start condition [S], the slave address (SA) is sent, followed by an eighth bit (‘0’) indicating a Write. The
SX8663 then acknowledges [A] that it is being addressed, and the master sends an 8 bit Data Byte consisting of
the SX8663 Register Address (RA). The slave acknowledges [A] and the master sends the appropriate 8 bit Data
Byte (WD0). Again the slave acknowledges [A]. In case the master needs to write more data, a succeeding 8 bit
Data Byte will follow (WD1), acknowledged by the slave [A]. This sequence will be repeated until the master
terminates the transfer with the Stop condition [P].
Figure 48
I2C write
The register address is incremented automatically when successive register data (WD1...WDn) is supplied by the
master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com