Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8663 Datasheet(PDF) 54 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 54 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 50Page - Semtech Corporation SX8663 Datasheet HTML 51Page - Semtech Corporation SX8663 Datasheet HTML 52Page - Semtech Corporation SX8663 Datasheet HTML 53Page - Semtech Corporation SX8663 Datasheet HTML 54Page - Semtech Corporation SX8663 Datasheet HTML 55Page - Semtech Corporation SX8663 Datasheet HTML 56Page - Semtech Corporation SX8663 Datasheet HTML 57Page - Semtech Corporation SX8663 Datasheet HTML 58Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
54
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
6.4
Status Registers
Address
Name
Bits
Description
7
Reserved
6
NVM burn interrupt flag
5
SPM write interrupt flag
4
Reserved
3
Reserved
2
Sensors interrupt flag
1
Compensation interrupt flag
0x00
IrqSrc
0
Operating Mode interrupt flag
Interrupt source flags
0: Inactive (default)
1: Active
INTB goes low if any of
these bits is set.
More than one bit can be
set.
Reading IrqSrc clears it
together with INTB.
Table 17
Interrupt Source
The delay between the actual event and the flags indicating the interrupt source may be one scan period.
IrqSrc[6] is set once NVM burn procedure is completed.
IrqSrc[5] is set once SPM write is effective.
IrqSrc[2] is set if a sensor event occurred (touch/close or release/far if enabled). CapStatKeys show the detailed
status of the sensors.
IrqSrc[1] is set once compensation procedure is completed either through automatic trigger or via host request.
IrqSrc[0] is set when actually entering Active or Doze mode via host request. CompOpmode shows the current
operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com