Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8663 Datasheet(PDF) 60 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 60 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 56Page - Semtech Corporation SX8663 Datasheet HTML 57Page - Semtech Corporation SX8663 Datasheet HTML 58Page - Semtech Corporation SX8663 Datasheet HTML 59Page - Semtech Corporation SX8663 Datasheet HTML 60Page - Semtech Corporation SX8663 Datasheet HTML 61Page - Semtech Corporation SX8663 Datasheet HTML 62Page - Semtech Corporation SX8663 Datasheet HTML 63Page - Semtech Corporation SX8663 Datasheet HTML 64Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
60
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
6.7
NVM burn
The content of the SPM can be copied permanently (burned) into the NVM to be used as the new default
parameters. The burning of the NVM can be done up to three times and must be done only when the SPM is
completely written with the desired data.
The number of times the NVM has been burned can be monitored by reading NvmCycle from the I2C register
GenStatLsb[7:5].
Figure 53
Simplified Diagram NvmCycle
Figure 53 shows the simplified diagram of the NvmCycle counter. The SX8663 is delivered with empty NVM and
NvmCycle set to zero. The SPM points to the QSM.
Each NVM burn will increase the NvmCycle. At the fourth NVM burn the SX8663 switches definitely to the QSM.
The burning of the SPM into the NVM is done by executing a special sequence of four I2C commands.
1. Write the data 0x62 to the I2C register I2CKeyMsb.
Terminate the I2C write by a STOP.
2. Write the data 0x9D to the I2C register I2CKeyLsb.
Terminate the I2C write by a STOP.
3. Write the data 0xA5 to the I2C register I2CSpmBaseAddr.
Terminate the I2C write by a STOP.
4. Write the data 0x5A to the I2C register I2CSpmBaseAddr.
Terminate the I2C write by a STOP.
This is illustrated in Figure 54.
S
SA
0
0x0E
A
0xA5
A
P
A
S
: Start condition
SA
: Slave address
A
: Slave acknowledge
P
: Stop condition
From master to slave
From slave to master
S
SA
0
0x0E
A
0x5A
A
P
A
3)
4)
S
SA
0
0xAC
A
0x62
A
P
A
S
SA
0
0xAD
A
0x9D
A
P
A
1)
2)
Figure 54:
NVM burn procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com